Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
12
Freescale Semiconductor
PRELIMINARY
LP1072 Interfaces
Table 8. SDIO Function 1 Registers
Bit
Name
Description
ARM
Access
HOST
Access
Reset
Watchdog Status Register (offset 0x000E)
0
Wdog_reset
This is a read only bit that when ‘1’ indicates that
the LP1072 ASIC has had a watchdog reset
occur.
R
R
0
7:1
Reserved
———
SDIO Host to Device Interrupt request register 0 (0x000F)
7:0
Write_sdio_arm_int
Each bit in this register is 1 of 8 ARM interrupt
requests from the SDIO Host to the device ARM.
The Host should request an interrupt by writing a
“1” to the corresponding bit in this register. The
register will be read as a “1” until the ARM clears
the register. Once the ARM has cleared the
register then the corresponding bit will be read as
“0” again.
RW
0’s
Device to SDIO Host Interrupt Source register 0 (0x0013)
7:0
Arm_to_sdio_int_clr[7:0] for
writes.
Arm_to_sdio_int_src[7:0] for
reads.
This register contains the interrupt pending status
of the SDIO Host interrupt from the device. The
device is capable of generating up to 8 individual
requests. Each bit in this register is ANDed with
the corresponding ARM to SDIO Host Interrupt
enable register. The ANDed bits are then ORed
together to generate a single SDIO Host interrupt
in the cccr register space. To clear a particular
interrupt bit the SDIO Host should write a “1” to
that particular bit in this register.
RW
0’s
Device to SDIO Host Interrupt Source register 1 (0x0014)
2:0
Arm_to_sdio_int_clr[10:8] for
writes.
Arm_to_sdio_int_src[10:8]
for reads.
This register contains the interrupt pending status
of the SDIO Host semaphore 0-2 host granted
indication. When the Host requests a semaphore
the corresponding interrupt will be triggered when
the host has been granted the interrupt. Bit 0 is
semaphore 0; bit 1 is semaphore 1; and bit 2 is
semaphore 2. Each bit in this register is ANDed
with the corresponding ARM to SDIO Host
Interrupt enable register. The ANDed bits are then
ORed together to generate a single SDIO Host
interrupt in the cccr register space. To clear a
particular interrupt bit the SDIO Host should write
a “1” to that particular bit in this register.
-
RW
0’s
7:3
Reserved
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com