Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 23Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 24Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 25Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 26Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 27Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
24
Freescale Semiconductor
PRELIMINARY
DC Electrical Specifications
7
DC Electrical Specifications
7.1
Absolute Maximum Ratings
Operating the LP1072 under conditions that exceed Absolute Maximum Ratings may result in permanent
damage to the device. Absolute maximum ratings are limiting values, and are considered individually,
while all other parameters are within their specified operating ranges.
7.2
Recommended Operating Conditions
Recommended operating conditions are shown in Table 11.
Thermal dissipation (for multi-layer PCB) is shown in Table 12.
Table 10. Absolute Maximum Ratings
Parameter
Min
Max
Units
Supply Voltage (3.0 V)
-0.3
4.0
V
Supply Voltage (1.8 V)
-0.3
2.2
V
Input Voltage
GND - 0.3
VDD + 0.3
V
DC Output Current
TBD
TBD
mA
Storage Temperature
TBD
TBD
oC
Electrostatic Discharge Voltage
TBD
TBD
V
Table 11. Recommended Operating Conditions
Parameter
Symbol
Min
Max
Units
Supply I/O Voltage
VDD_IO
3.0
3.6
V
Supply Core Voltage
VDD_C
1.71
1.89
V
Operating Temperature
TA
0
70
oC
Table 12. Thermal Dissipation (for multi-layer PCB)
# PCB Layers
# PCB Vias
PCB Trace
Density
θJA (°C/W)
Ψ
JT
(°C/W)
θJC
(°C/W)
0 m/s
1 m/s
2 m/s
1 (1s)
0
JEDEC
96.1
68.9
59.6
1.0
6.5
2 (2s)
36
JEDEC
81.7
60.2
52.6
0.9
6.2
0
6%
66.9
51.3
45.8
0.7
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com