Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LP1072 Interfaces
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
15
PRELIMINARY
4.2
CompactFlash+ Host Interface
The LP1072 supports CF+ and Compact Flash Specification Revision 2.0. The LP1072 CF host interface
supports both the I/O and storage modes of the Compact Flash Specifications. The interface allows an
external host (or an host DMA) to have 8-bit or 16-bit memory and I/O mode access to the device
according to the Compact Flash Specification 2.0.
4.3
SRAM Emulation Mode
The SRAM emulation mode provides an alternative write/read access to the device without using the CF
port (or SDIO) using generic SRAM access cycles. It supports 16-bit memory interface.
This mode is host-dependent and can be enabled and tested for a specific host.
4.4
RF Interface
4.4.1
Serial Programmable Interface (SPI)
•
The SPI is composed of 3 signals:
1. RF_SIF_0_SCLK (serial clock)
2. RF_SIF_1_CS_N (chip select)
3. RF_SIF_2_DIN (data input)
•
The serial information is sent to the RF transceiver in 18 bit bursts framed by chip select. The 18
bits comprises of leading 14 (or less) data bits and trailing 4 address bits
•
Programming clock edges are ignored until chip select goes active low.
•
All bits are shifted in on the rising edge of the clock and latched in when chip select returns inactive
high. (permissible for the clock in either state)
•
The interface can be programmed in any operating mode.
•
Serial information is clocked in with the most significant bit (MSB) first.
•
The address bits for the internal registers are decoded on the rising edge of chip select.
•
The rising edge of chip select initiates an internal parallel load pulse that latches the last 18-bit
serially shifted-in data into the internal register.
8 Kbyte Internal Memory Buffer RAM (offset 0x4000 to 0x5FFF)
7:0
Imem_rdat[15:0]
This is an internal memory buffer for specific use
by the SDIO device. Data is read or written to this
memory via SDIO cmd 53 reads or writes. Then,
the SDIO DMA controller is used to move the data
from the internal memory buffer to/from shared
memory under device (ARM) control.
-
⎯
RW
-
⎯
Table 8. SDIO Function 1 Registers (continued)
Bit
Name
Description
ARM
Access
HOST
Access
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com