Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 2Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 3Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
6
Freescale Semiconductor
PRELIMINARY
Functional Description
3.1.8
SDIO Registers
TBA
3.1.9
Clock Control
TBA
3.1.10
Clock Gating
This block contains all the control logic required to gate individual sub-block clocks.
3.2
Media Access Control (MAC) Subsystem
3.2.1
Protocol Accelerator Subsystem (PAS)
The main function of the Protocol Accelerator Subsystem is to provide hardware acceleration functions
for the MAC Software to perform the time critical aspects of the 802.11 protocol.
The PAS contains the following:
Shared Memory Controller – provided arbitrated access to the shared memory (MAC memory)
WEP Hardware Engine
AES Hardware Engine
802.11 Protocol Accelerator – for support of time-critical MAC functions
Generic Host Interface
3.2.2
AES Block
The contents of the AES block are:
AES encryption/decryption core that performs AES encryption/decryption of a 128bit block.
Offset Codebook (OCB) mode encipher/decipher wrapper that performs OCB mode key
generation for the AES core.
DMA controller and Shared Memory Interface that controls the reading/writing of data blocks
from/to the PAS shared memory controller.
Control Registers, used to configure the operation of the AES block.
3.2.3
WEP Block
TBA
3.3
PHY Subsystem
TBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com