Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  LP1072 Datasheet HTML 1Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 2Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 3Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
4
Freescale Semiconductor
PRELIMINARY
Functional Description
3
Functional Description
Figure 1 is a functional block diagram of the LP1072.
Figure 1. Functional Block Diagram
3.1
Embedded Processor Subsystem
The embedded Processor Subsystem consists of the following:
•
An embedded ARM7TDMI microprocessor running at 88 MHz
•
An ARM™ Peripheral Subsystem accessed via an extended APB (APB+) bus
Packaging Options
200-pin VFBGA, 13.0 x 13.0 x 1.0(max) mm
Semiconductor Technology
0.18 micron
RF Support
Maxim, Airoha
Certification
Wi-Fi® (incl. WPA), WQHL, FCC Part 15
Table 1. Specifications (continued)
Feature
Details
ARM7TDMI
Bridge
Interrupt
Controller
SDIO
Registers
UART
JTAG
EEPROM
Interface
GPIO
Memory
Controller
On-Chip
RAM/ROM
ARM
Subsystem
Clock
Control
WBSPTM
PLL
Watchdog
Timer
I/Q ADC
I/Q DAC
Aux ADC
Aux DAC
RSSI
ADC
AFE
ARM
Interface
AFE
Control
MAC-PHY
Interface
Clock Select
Logic
WEP
Engine
AES
Engine
Shared
Memory
Controller
Shared
Memory
ARM
Interface
AHB
AHB
Generic
Host
Interface
DMA
MAC Subsystem
PHY
Subsystem
Host
Interface
Protocol
Accelerator
Subsystem
RMB
Registers
Clock
Gating
802.11
Protocol
Accelerator
LP1072 Chip Boundary
CLKIN
(From TCXO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com