Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 23Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
20
Freescale Semiconductor
PRELIMINARY
Pinout and Footprint
CF_A8
pdb04dgz
Bi-dir
CompactFlash address
P9
CF_A9
pdb04dgz
Bi-dir
CompactFlash address
P10
CF_A10
pdb04dgz
Bi-dir
CompactFlash address
R13
CF_OE_N
pdusdgz
Input
CF common or attribute memory indication
N12
CF_IORD_N
pdusdgz
Input
I/O read in conjunction with reg and ce1/2
P12
CF_IOWR_N
pdusdgz
Input
I/O write in conjunction with reg and ce1/2
P13
CF_WE_N
pdusdgz
Input
Common or attribute memory write enable
R15
CF_IREQ_N
pdt04dgz
Output
I/O mode interrupt request (pulsed low or level sensitive)
N14
CF_RESET
pdudgz
Input
Reset
P15
CF_CD1_N
pdt04dgz
Output
Card detect
L13
CF_CD2_N
pdt04dgz
Output
Card detect
K12
CF_INPACK_N
pdt04dgz
Output
Decode indication (not widely implemented)
J12
CF_STSCHG_N
pdo04dgz
Output
Status Change
K14
CF_REG_N
pdusdgz
Input
Cycle indication
J14
AFE Interface
AGND
pdiana2p
N/A
Analog ground Double bonded with Analog Reference
negative supply)
E6
AGNDIQADC
pdiana2p
N/A
Analog ground
E8
AGNDIQDAC
pdiana2p
N/A
Analog ground
D8
AVDD
pdiana2p
N/A
Analog 3.3 volt
A3
AVDDIQADC
pdiana2p
N/A
Analog 3.3 volt
D7
AVDDIQDAC
pdiana2p
N/A
Analog 3.3 volt
A9
VDDIQADC
pvdd3p
N/A
3.3 volt power for ESD Diodes
A4
VSSIQADC
pvss3p
N/A
3.3 volt ground for ESD Diodes
E7
VDDIQDAC
pvdd3p
N/A
3.3 volt power for ESD Diodes
D2
DGND
pvss1dgz
N/A
Digital Ground
B2
DVDD
pvdd1dgz
N/A
Digital 1.8 Volt
C2
IBIAS
pdiana2p
N/A
Pin for monitoring or bypassing bias current, flowing out of
the pin to agnd.
B3
VBG
pdiana2p
N/A
Voltage reference pin for decoupling (equal to 1.25V).
Connect 1uF(ceramic) + 100nF (ceramic) to agndref.
B5
VREFN
pdiana2p
Input
ADC Negative reference for decoupling
A5
VREFP
pdiana2p
Input
ADC Positive reference for decoupling
A7
AUXADCIN_0
pdiana2p
Input
Muxed analog input to auxiliary ADC bit 0
C5
AUXADCIN_1
pdiana2p
Input
Muxed analog input to auxiliary ADC bit 1
D5
AUXADCIN_2
pdiana2p
Input
Muxed analog input to auxiliary ADC bit 2
B4
Table 9. Pin Description (continued)
Pad Name
Pad Type
Direction
Description
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com