Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 23Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 24Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 25Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 26Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Pinout and Footprint
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
23
PRELIMINARY
6.3
Footprint
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
NC
NC
AVDD
PVDD3P
_2
VREFN
NC
VREFP
IADCINN AVDDIQDAC
_1
QDACOUTN
PLL_
BYPASS
_CLK
RE-
SERVED
NC
NC
NC
B RSSIADC
IN
DGND
IBIAS
AUXADC
IN_2
VBG
QADCINN
NC
IADCINP IDACOUTP QDACOUTP
RE-
SERVED
NC
NC
NC
VDD_CORE
_5
C
AVDD_
PLL
DVDD
NC
AUXDAC
OUT
AUXADC
IN_0
QADCINP
NC
NC
IDACOUTN
FAST_CLK
_POWER
TCXO_
BYPASS
NC
NC
XTAL_
32K_
XOUT
XTAL_32K_
XIN
D
AVSS_
PLL
PVDD3P
_1
NC
EXT_
BIAS
AUXADC
IN_1
NC
AVDDIQADC AGNDIQ
DAC_1
VOCM
PLL_
BYPASS
TCXO_
BYPASS
_CLK
RE-
SERVED
XTAL_
BYPASS
_CLK
RE-
SERVED
XTAL_
BYPASS
E
DVDD_
PLL
DVSS_
PLL
TAVDD
POWER
PVSS3P
_1
AGND
AGND
PVSS3P_2
AGNDIQ
ADC
GND
GND
GND
VDD_IO_
6
RESET_N
RE-
SERVED
RE-
SERVED
F
CLKIN
CF_D_0
ARM_
DBGEN
AVDD_
TCXO
TAVSSP
OWER
GND
RE-
SERVED
RE-
SERVED
RE-
SERVED
EMBEDDED
_RESET_N
G
VDD_
CORE
_1
CHIP_
MODE
_0
CF_D_2 CF_D_1
AVSS_
TCXO
GND
RF_SIF_
2_DIN
RF_
SPARE2
RF_
LOCK_
DETECT
RF_SIF_0_
SCLK
H
CF_D_3
CF_D_5
CHIP_
MODE_
2
SD_DAT
_3
GND
GND
RF_
RXHP
RF_
ANTENNA
_SEL
RF_SIF_
1_CS_N
RE-
SERVED
J
CHIP_
MODE
_1
CF_D_4 CF_D_6 SD_DAT
_1
GND
GND
CF_
INPACK_
N
RF_VGA_
0
CF_REG
_N
RF_
ANTENNA
_SEL_N
K
CHIP_
MODE
_3
SD_DAT_
2
VDD_IO
_1
CF_D_8
GND
GND
CF_CD2_
N
RF_VGA_
3
CF_
STSCHG
_N
VDD_
CORE_4
L
CF_D_7
CF_D_9
CF_D_
10
CF_D_12
GND
GND
GND
GND
GND
GND
GND
RF_
SPARE1
CF_CD1_
N
RF_VGA
_2
RF_VGA_1
M SD_DAT_
0
CF_D_11 CF_D_
13
CF_CE2
_N
CF_A_1 VDD_IO_3
ARM_
EEPROM_
DAT_GPIO
JTAG_
CLOCK
RF_
ANALOG
_LDO
VDD_CORE
_3
GND
NC
RF_PAEN
2
RF_VGA
_6
RF_VGA_4
N SD_CMD SD_CLK
ARM_
GPIO_1
ARM_
GPIO_3
ARM_
GPIO_5
CF_A_2
ARM_
UART
_0_DI
ARM_
EEPROM
_CLK_
GPIO
CF_A_7
JTAG_DO
VDD_IO_
4
CF_OE_
N
RF_
TXEN
CF_IREQ
_N
RF_VGA_5
P CF_D_14 CF_D_15 VDD_IO
_2
ARM_
GPIO_4
ARM_
GPIO
_6
ARM_
UART
_0_DO
CF_A_5
JTAG_
RESET
CF_A_8
CF_A_9
RF_RXE
N
CF_
IORD_N
CF_
IOWR_N
RF_
PAEN1
CF_
RESET
R
ARM_
GPIO_0
CF_CE1_
N
ARM_
GPIO_2
CF_A_0
ARM_
GPIO_7
CF_A_3
CF_A_4
VDD_
CORE_2
CF_A_6
JTAG_DI
JTAG_
MODE
RF_EN
CF_A_10 VDD_IO_
5
CF_WE_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com