Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
14
Freescale Semiconductor
PRELIMINARY
LP1072 Interfaces
SDIO Host Mailbox Semaphore 2 Register (offset 0x001E)
1:0
Sdio_mbxp_2_sema
2 bit semaphore register to control whether the
host or the device has access to the shared
mailbox ram 2. The host should write a “01” to this
register to request the shared ram 2. After writing
“01” the host should read this register. If the value
is “01” then the host owns access to the mailbox.
If the value read is “11” then the device owns
access to the mailbox. When the host is done
utilizing the mailbox then it should release
ownership of the mailbox by writing “00” to this
register.
RW
RW
0’s
7:2
Reserved
-
-
-
-
992 byte Mailbox RAM 1 (offset 0x200F to 0x23FF)
7:0
Mbox_rdata_1[15:0]
Shared SDIO Mailbox. Both the ARM and Host
can use the mailbox for message exchange
between the SDIO device and the SDIO Host.
Prior to accessing the SDIO Mailbox the Host
should request and be granted the mailbox via the
mailbox semaphore 1 register described above.
Once the Host has been granted access to the
mailbox it may read/write the mailbox however it
likes. If the Host has not been granted access to
the mailbox it will not be able to read or write the
mailbox. Once the Host is finished with the
mailbox it should release control of the mailbox as
described in the mailbox semaphore 1 register.
RW
RW
-
1 Kbyte Mailbox RAM 2 (offset 0x2400 to 0x27FF)
7:0
Mbox_rdata_2[15:0]
Shared SDIO Mailbox. Both the ARM and Host
can use the mailbox for message exchange
between the SDIO device and the SDIO Host.
Prior to accessing the SDIO Mailbox the Host
should request and be granted the mailbox via the
mailbox semaphore 2 register described above.
Once the Host has been granted access to the
mailbox it may read/write the mailbox however it
likes. If the Host has not been granted access to
the mailbox it will not be able to read or write the
mailbox. Once the Host is finished with the
mailbox it should release control of the mailbox as
described in the mailbox semaphore 2 register.
RW
RW
-
Table 8. SDIO Function 1 Registers (continued)
Bit
Name
Description
ARM
Access
HOST
Access
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com