Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Pinout and Footprint
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
19
PRELIMINARY
ARM_EEPROM_CLK_GPIO
pdb04dgz
Bi-dir
General Purpose I/O dedicated for EEPROM
N8
SDIO Signals (other signals on interface are 1 Vdd and 2 Vss pins)
CD/DAT3 (connector pin 1)
pduw04dgz
Bi-dir
Card detect/data 3
H4
DAT[2] (connector pin 9)
pdu04dgz
Bi-dir
Data 2
K2
DAT[1] (connector pin 8)
pdu04dgz
Bi-dir
Data 1/interrupt
J4
DAT[0] (connector pin 7)
pdu04dgz
Bi-dir
Data 0/busy indication
M1
CMD (connector pin 2)
pdu04dgz
Bi-dir
Command/response
N1
CLK (connector pin 5)
pdisdgz
Input
Clock
N2
CF + (PC Card I/O Mode)
CF_D0
pdb04dgz
Bi-dir
CompactFlash data
F2
CF_D1
pdb04dgz
Bi-dir
CompactFlash data
G4
CF_D2
pdb04dgz
Bi-dir
CompactFlash data
G3
CF_D3
pdb04dgz
Bi-dir
CompactFlash data
H1
CF_D4
pdb04dgz
Bi-dir
CompactFlash data
J2
CF_D5
pdb04dgz
Bi-dir
CompactFlash data
H2
CF_D6
pdb04dgz
Bi-dir
CompactFlash data
J3
CF_D7
pdb04dgz
Bi-dir
CompactFlash data
L1
CF_D8
pdb04dgz
Bi-dir
CompactFlash data
K4
CF_D9
pdb04dgz
Bi-dir
CompactFlash data
L2
CF_D10
pdb04dgz
Bi-dir
CompactFlash data
L3
CF_D11
pdb04dgz
Bi-dir
CompactFlash data
M2
CF_D12
pdb04dgz
Bi-dir
CompactFlash data
L4
CF_D13
pdb04dgz
Bi-dir
CompactFlash data
M3
CF_D14
pdb04dgz
Bi-dir
CompactFlash data
P1
CF_D15
pdb04dgz
Bi-dir
CompactFlash data
P2
CF_CE1_N
pdusdgz
Input
CF Card enable even address (8 bit mode)
R2
CF_CE2_N
pdusdgz
Input
Chip Enable odd address (8 bit mode)
M4
CF_A0
pdb04dgz
Bi-dir
CompactFlash address
R4
CF_A1
pdb04dgz
Bi-dir
CompactFlash address
M5
CF_A2
pdb04dgz
Bi-dir
CompactFlash address
N6
CF_A3
pdb04dgz
Bi-dir
CompactFlash address
R6
CF_A4
pdb04dgz
Bi-dir
CompactFlash address
R7
CF_A5
pdb04dgz
Bi-dir
CompactFlash address
P7
CF_A6
pdb04dgz
Bi-dir
CompactFlash address
R9
CF_A7
pdb04dgz
Bi-dir
CompactFlash address
N9
Table 9. Pin Description (continued)
Pad Name
Pad Type
Direction
Description
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com