Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
8
Freescale Semiconductor
PRELIMINARY
Functional Description
3.4.2
I/Q DAC
I/Q DAC specifications are shown in Table 4.
Wake-up time
From Shutdown
—
—
1
ms
From Standby
—
—
10
µs
Table 4. I/Q DAC
Parameter
Condition
Min
Typ
Max
Units
Resolution
—
—
8
—
bit
Maximum Update rate
—
44
—
—
MHz
3dB Signal Bandwidth
—
—
11
—
MHz
Output common-mode voltage
—
0.7
Vcmo1
1 See Analog input pin for definition of I/Q DAC output common-mode level.
1.5
V
Load
—
10
—
—
Kohm
——
—
5
pF
Integral Nonlinearity (INL)
—
—
±1.0
—
LSB
Differential Nonlinearity (DNL)
—
—
± 0.5
—
LSB
Total Harmonic Distortion (THD)
Fin= 1MHz
—
-48.5
—
dB
Fin= 10MHz
—
-47
—
dB
SNR
Fin= 1MHz
—
48.5
—
dB
Fin= 10MHz
—
47
—
dB
ENOB
Fin= 1MHz
—
7.2
—
bit
Fin= 10MHz
—
7.0
—
bit
Channel-to-Channel mismatch
Gain
—
0.2
—
dB
Phase
—
0.5
—
Degree
DC offset after calibration
—
-1
—
+1
LSB
Wake-up time
From Shutdown
—
—
10
µs
From Standby
—
—
2
µs
Table 3. I/Q ADC Specifications (continued)
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com