Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 3Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Functional Description
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
7
PRELIMINARY
3.4
Analog Front End (AFE)
The Analog Front End (AFE) block consists of three Analog-to-Digital Converters (ADCs) and two
Digital-to-Analog Converters (DACs) as given in Table 2.
3.4.1
I/Q ADC
I/Q ADC specifications are shown in Table 3.
Table 2. AFE Components
Component
Description
Resolution
Clock
I/Q ADC
A 2-channel ADC whose digital output serves as input to digital baseband
and whose input is the differential signal from the RF (RX mode).
8-bit
22 Msps
I/Q DAC
A 2-channel DAC whose digital input is from baseband and output is a
differential signal for the RF (TX mode).
8-bit
44 Msps
RSSI ADC
A single ended, single channel ADC
6-bit
10 Msps
Auxiliary ADC
A single ended, single channel ADC
8-bit
1 Msps
Auxiliary DAC
A single ended, single channel DAC
8-bit
20 Msps
Table 3. I/Q ADC Specifications
Parameter
Condition
Min
Typ
Max
Units
Resolution
8
bit
Maximum Sampling Frequency
22
MHz
Signal Bandwidth
11
MHz
Input impedance
Fixed capacitance
1—
pF
Switched capacitance @Fs
1—
pF
Latency
4—
cycles
Integral Nonlinearity (INL)
±1.0
LSB
Differential Nonlinearity (DNL)
± 0.5
LSB
Total Harmonic Distortion (THD)
Fin= 1MHz
-48.5
dB
Fin= 10MHz
-47
dB
SNR
Fin= 1MHz
48.5
dB
Fin= 10MHz
47
dB
ENOB
Fin= 1MHz
7.2
bit
Fin= 10MHz
7.0
bit
Channel-to-Channel mismatch
Gain
0.2
dB
Phase
0.5
Degree
DC offset after calibration
-1
+1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com