Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 179 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 179 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 175Page - Integrated Device Technology STAC9271 Datasheet HTML 176Page - Integrated Device Technology STAC9271 Datasheet HTML 177Page - Integrated Device Technology STAC9271 Datasheet HTML 178Page - Integrated Device Technology STAC9271 Datasheet HTML 179Page - Integrated Device Technology STAC9271 Datasheet HTML 180Page - Integrated Device Technology STAC9271 Datasheet HTML 181Page - Integrated Device Technology STAC9271 Datasheet HTML 182Page - Integrated Device Technology STAC9271 Datasheet HTML 183Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
179
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.27.9. InPort2Mux ConLstEntry8
6.28. PCBEEP Node (NID = 0x23)
6.28.1. PCBEEP OutAmpLeft
Table 438. InPort2Mux ConLstEntry8
Command Verb Format
Verb ID
Payload
Response
Get
F02
08
See bitfield table.
Table 439. InPort2Mux ConLstEntry8
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL11
R
0x0
No connection.
[23.:16]
ConL10
R
0x0
No connection.
[15.:8]
ConL9
R
0x0
No connection.
[7.:0]
ConL8
R
0x11
Port H
Table 440. PCBEEP OutAmpLeft
Command Verb Format
Verb ID
Payload
Response
Get
BA0
00
See bitfield table.
Set1
3A0
See bits [7:0] of bitfield table.
0000_0000h
Table 441. PCBEEP OutAmpLeft
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd2
R
0x0
Reserved
[7]
Mute
RW
0x0
1 = disable Digital PC Beep
[6.:2]
Rsvd1
R
0x0
Reserved
[1.:0]
Gain
RW
0x0
Mono (left) amplifier gain step number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com