Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 180 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 180 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 176Page - Integrated Device Technology STAC9271 Datasheet HTML 177Page - Integrated Device Technology STAC9271 Datasheet HTML 178Page - Integrated Device Technology STAC9271 Datasheet HTML 179Page - Integrated Device Technology STAC9271 Datasheet HTML 180Page - Integrated Device Technology STAC9271 Datasheet HTML 181Page - Integrated Device Technology STAC9271 Datasheet HTML 182Page - Integrated Device Technology STAC9271 Datasheet HTML 183Page - Integrated Device Technology STAC9271 Datasheet HTML 184Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
180
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.28.2. PCBEEP WCap
6.28.3. PCBEEP OutAmpCap
Table 442. PCBEEP WCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table.
Table 443. PCBEEP WCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
Rsvd2
R
0x0
Reserved
[23.:20]
Type
R
0x7
Widget type = Beep Generator
[19.:4]
Rsvd1
R
0x0
Reserved
[3]
AmpParOvrd
R
0x1
This widget contains its own amplifier
parameters.
[2]
OutAmpPrsnt
R
0x1
Output amp is present
[1]
InAmpPrsnt
R
0x0
N/A
[0]
Stereo
R
0x0
Mono widget
Table 444. PCBEEP OutAmpCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table.
Table 445. PCBEEP OutAmpCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x0
Amplifier is capable of muting
[30.:23]
Rsvd3
R
0x0
Reserved
[22.:16]
StepSize
R
0x17
Size of each step in the gain range = 6 dB
[15]
Rsvd2
R
0x0
Reserved
[14.:8]
NumSteps
R
0x03
Number of steps in the gain range = 4
(-18dB to 0dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com