Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 181 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 181 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 177Page - Integrated Device Technology STAC9271 Datasheet HTML 178Page - Integrated Device Technology STAC9271 Datasheet HTML 179Page - Integrated Device Technology STAC9271 Datasheet HTML 180Page - Integrated Device Technology STAC9271 Datasheet HTML 181Page - Integrated Device Technology STAC9271 Datasheet HTML 182Page - Integrated Device Technology STAC9271 Datasheet HTML 183Page - Integrated Device Technology STAC9271 Datasheet HTML 184Page - Integrated Device Technology STAC9271 Datasheet HTML 185Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
181
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.28.4. PCBEEP Gen
[7]
Rsvd1
R
0x0
Reserved
[6.:0]
Offset
R
0x03
0dB-step is programmed with this offset
Table 446. PCBEEP Gen
Command Verb Format
Verb ID
Payload
Response
Get
F0A
00
See bitfield table.
Set1
70A
See bits [7:0] of bitfield table.
0000_0000h
Table 447. PCBEEP Gen
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved
[7.:0]
Divider
RW
0x0
Enable internal PC-Beep generation.
Divider = 00h - disables internal PC Beep
generation and enables normal operation of
the CODEC.
Divider not 00h - generates the beep tone
on all Pin Complexes that are currently
configured as outputs. The Azalia spec
states that the beep tone frequency =
(48 KHz Azalia SYNC rate) / (4*Divider),
producing tones from 47 Hz to 12 KHz
(logarithmic scale). Instead, this part
generates tones with frequency = 48000 *
(257 - Divider) / 1024, yielding a linear
range from 12 KHz to 93.75 Hz in steps of
46.875 Hz. If JackSenseVSR[Rate2x], then
the beep tones generated have frequency =
48000 * (513 - Divider) / 1024, yielding a
range of 24 KHz to 12093.75 Hz in steps of
46.875 Hz.
Table 445. PCBEEP OutAmpCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com