Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 35 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 35 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 31Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 32Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 33Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 34Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 35Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 36Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 37Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 38Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 39Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
35
26, 27,
28
49, 50,
51
51, 52,
53
21, 22,
23
20, 21,
22
MD2,
MD1, MD0
C
Input pins for specifying the
operating mode
The pins must be directly
connected to VCC or VSS
22,61
13, 63,
88
15, 65,
90
49
24
VCC
Power supply
23,60
13, 42,
64, 89
16, 44,
66, 91
18, 48
25
VSS
Power supply
62
15
17
50
26
C
F
Internally regulated power
supply stabilization capacitor
pin. Please refer to the
datasheet for recommended
capacitor values.
*1: FPT-100P-M22
*2: FPT-100P-M20
*3: FPT-64P-M23/M24
*4: FPT-48P-M26
*5: FPT-80P-M21
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com