Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 2Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 3Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 4Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 5Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 6Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 7Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 8Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 9Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
MB96300 Series
Preliminary Specification
6
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
s PRODUCT LINEUP
Features
MB96V300
MB9632x
MB9634x
MB9635x
MB9636x
MB9638x
Product type
Evaluation
sample
Flash product: MB96F3xx
Mask ROM product: MB963xx
CPU
F2MC-16FX CPU
System clock
On-chip PLL clock multiplier (x1..16, 1/2 when PLL stop)
Minimum instruction execution time: 17.8 ns (56MHz)
Clock source selectable from main- and subclock oscillator (partnumber suffix “W”), on-chip RC
oscillator, independently for CPU and 2 clock domains of peripherals
Flash/
ROM
RAM
128kB
6kB
ROM/Flash
memory
emulation by
external RAM,
92kB internal
RAM
MB96344R,
MB96344Y
MB96384R,
MB96384Y
160kB
6kB
MB96F365R,
MB96F365Y
MB96385R,
MB96385Y
288kB
12kB
MB96F326R,
MB96F326Y
MB96F356R,
MB96F356Y
288kB
16kB
MB96F346R,
MB96346R,
MB96F346Y,
MB96346Y
MB96F386R,
MB96386R,
MB96F386Y,
MB96386Y
416kB
16kB
MB96F347R,
MB96347R,
MB96F347Y,
MB96347Y
MB96F387R,
MB96387R,
MB96F387Y,
MB96387Y
544kB
24kB
MB96F348R,
MB96F348Y
Main:
544kB,
Sat.:
32kB
24kB
MB96F348C,
MB96F348H,
MB96F348T
Technology
0.18mm CMOS with on-chip voltage regulator for internal power supply
Package
BGA416
FPT-80P-M21
FPT-100P-
M20
FPT-100P-
M22
FPT-64P-M23
FPT-64P-M24
FPT-48P-M26
FPT-120P-
M21
DMA
16 channels
4 channels
6 channels
4 channels
3 channels
7 channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com