Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 85 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 85 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 81Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 82Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 83Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 84Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 85Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 86Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 87Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 88Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 89Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
85
000487H
I/O Port - Port Output Drive Register Port
07
PODR07
RW
000488H
I/O Port - Port Output Drive Register Port
08
PODR08
RW
000489H
I/O Port - Port Output Drive Register Port
09
PODR09
RW
00048AH
I/O Port - Port Output Drive Register Port
10
PODR10
RW
00048BH
I/O Port - Port Output Drive Register Port
11
PODR11
RW
00048CH
I/O Port - Port Output Drive Register Port
12
PODR12
RW
00048DH
I/O Port - Port Output Drive Register Port
13
PODR13
RW
00048EH
I/O Port - Port Output Drive Register Port
14
PODR14
RW
00048FH
I/O Port - Port Output Drive Register Port
15
PODR15
RW
000490H
I/O Port - Port Output Drive Register Port
16
PODR16
RW
000491H
I/O Port - Port Output Drive Register Port
17
PODR17
RW
00049CH
I/O Port - Port High Drive Register Port 08
PHDR08
RW
00049DH
I/O Port - Port High Drive Register Port 09
PHDR09
RW
00049EH
I/O Port - Port High Drive Register Port 10
PHDR10
RW
0004A8H
I/O Port - Pull-Up resistor Control Register
Port 00
PUCR00
RW
0004A9H
I/O Port - Pull-Up resistor Control Register
Port 01
PUCR01
RW
0004AAH
I/O Port - Pull-Up resistor Control Register
Port 02
PUCR02
RW
0004ABH
I/O Port - Pull-Up resistor Control Register
Port 03
PUCR03
RW
0004ACH
I/O Port - Pull-Up resistor Control Register
Port 04
PUCR04
RW
Table 0-1 I/O map (23 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com