Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 66 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 66 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 62Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 63Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 64Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 65Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 66Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 67Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 68Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 69Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 70Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 159 page
background image
MB96300 Series
Preliminary Specification
66
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
00005CH
External Interrupt - Enable Register 1
ENIR1
RW
00005DH
External Interrupt - Interrupt request
Register 1
EIRR1
RW
00005EH
External Interrupt - Level Select 1
ELVRL1
ELVR1
RW
00005FH
External Interrupt - Level Select 1
ELVRH1
RW
000060H
RLT - Timer Control Status Register 0 Low
TMCSRL0
TMCSR0
RW
000061H
RLT - Timer Control Status Register 0
High
TMCSRH0
RW
000062H
RLT - Reload Register 0 Low - for writing
TMRLR0
W
000062H
RLT - Reload Register 0 Low - for reading
TMR0
R
000063H
RLT - Reload Register 0 High - for writing
W
000063H
RLT - Reload Register 0 High - for reading
R
000064H
RLT - Timer Control Status Register 1 Low
TMCSRL1
TMCSR1
RW
000065H
RLT - Timer Control Status Register 1
High
TMCSRH1
RW
000066H
RLT - Reload Register 1 Low - for writing
TMRLR1
W
000066H
RLT - Reload Register 1 Low - for reading
TMR1
R
000067H
RLT - Reload Register 1 High - for writing
W
000067H
RLT - Reload Register 1 High - for reading
R
000068H
RLT - Timer Control Status Register 2 Low
TMCSRL2
TMCSR2
RW
000069H
RLT - Timer Control Status Register 2
High
TMCSRH2
RW
00006AH
RLT - Reload Register 2 - for writing
TMRLR2
W
00006AH
RLT - Reload Register 2 - for reading
TMR2
R
00006BH
RLT - Reload Register 2 - for writing
W
00006BH
RLT - Reload Register 2 - for reading
R
00006CH
RLT - Timer Control Status Register 3 Low
TMCSRL3
TMCSR3
RW
00006DH
RLT - Timer Control Status Register 3
High
TMCSRH3
RW
00006EH
RLT - Reload Register 3 - for writing
TMRLR3
W
00006EH
RLT - Reload Register 3 - for reading
TMR3
R
00006FH
RLT - Reload Register 3 - for writing
W
Table 0-1 I/O map (4 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com