Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 20Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 21Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 22Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 23Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 24Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 25Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 26Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 27Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 159 page
background image
MB96300 Series
Preliminary Specification
24
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
65
100
1
51
31
P02_5
H
General purpose IO
ADTG_R
Relocated A/D converter
trigger input
IN1
Input Capture Unit ICU 1 data
sample input
TTG1/
TTG9
Programmable Pulse
Generator PPG1 and PPG9
trigger
A21
External bus interface
address output
56, 57
1, 2
3, 4
30, 29
P02_6,
P02_7
H
General purpose IO
IN2, IN3
Input Capture Unit ICU2 to
ICU3 data sample input
TTG2/
TTG10,
TTG3/
TTG11
Programmable Pulse
Generator PPG2 and PPG10
trigger,
Programmable Pulse
Generator PPG3 and PPG11
trigger
A22, A23
External bus interface
address outputs
68
35
54
P03_0
H
General purpose IO
IN4
Input Capture Unit 4 data
sample input
ALE
External bus interface
address latch enable output
pin
TTG4/
TTG12
Programmable Pulse
Generator PPG4 and PPG12
trigger
TOT0_R
Reload Timer 0 relocated
output
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com