Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 90 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 90 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 86Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 87Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 88Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 89Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 90Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 91Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 92Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 93Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 94Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 159 page
background image
MB96300 Series
Preliminary Specification
90
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
00050DH
OCU - Compare Register 9
RW
00050EH
OCU - Output Compare Control Status 10
OCS10
RW
00050FH
OCU - Output Compare Control Status 11
OCS11
RW
000510H
OCU - Compare Register 10
OCCP10
RW
000511H
OCU - Compare Register 10
RW
000512H
OCU - Compare Register 11
OCCP11
RW
000513H
OCU - Compare Register 11
RW
000514H
ICU - Control Status Register 8/9
ICS89
RW
000515H
ICU - Edge register 8/9
ICE89
RW
000516H
ICU - Capture Register 8
IPCPL8
IPCP8
R
000517H
ICU - Capture Register 8
IPCPH8
R
000518H
ICU - Capture Register 9
IPCPL9
IPCP9
R
000519H
ICU - Capture Register 9
IPCPH9
R
00051AH
ICU - Control Status Register 10/11
ICS1011
RW
00051BH
ICU - Edge register 10/11
ICE1011
RW
00051CH
ICU - Capture Register 10
IPCPL10
IPCP10
R
00051DH
ICU - Capture Register 10
IPCPH10
R
00051EH
ICU - Capture Register 11
IPCPL11
IPCP11
R
00051FH
ICU - Capture Register 11
IPCPH11
R
000520H
LIN USART - Serial Mode Register 4
SMR4
RW
000521H
LIN USART - Serial Control Register 4
SCR4
RW
000522H
LIN USART - TX Register 4
TDR4
W
000522H
LIN USART - RX Register 4
RDR4
R
000523H
LIN USART - Serial Status 4
SSR4
RW
000524H
LIN USART - Control/Com. Register 4
ECCR4
RW
000525H
LIN USART - Ext. Status Register 4
ESCR4
RW
000526H
LIN USART - Baud Rate Generator
Register 4 Low
BGRL4
BGR4
RW
000527H
LIN USART - Baud Rate Generator
Register 4 High
BGRH4
RW
Table 0-1 I/O map (28 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com