Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 83 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 83 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 79Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 80Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 81Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 82Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 83Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 84Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 85Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 86Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 87Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
83
00045FH
I/O Port - Port Input Level Register I/O
Port - Port 07
PILR07
RW
000460H
I/O Port - Port Input Level Register I/O
Port - Port 08
PILR08
RW
000461H
I/O Port - Port Input Level Register I/O
Port - Port 09
PILR09
RW
000462H
I/O Port - Port Input Level Register I/O
Port - Port 10
PILR10
RW
000463H
I/O Port - Port Input Level Register I/O
Port - Port 11
PILR11
RW
000464H
I/O Port - Port Input Level Register I/O
Port - Port 12
PILR12
RW
000465H
I/O Port - Port Input Level Register I/O
Port - Port 13
PILR13
RW
000466H
I/O Port - Port Input Level Register I/O
Port - Port 14
PILR14
RW
000467H
I/O Port - Port Input Level Register I/O
Port - Port 15
PILR15
RW
000468H
I/O Port - Port Input Level Register I/O
Port - Port 16
PILR16
RW
000469H
I/O Port - Port Input Level Register I/O
Port - Port 17
PILR17
RW
00046CH
I/O Port - Extended Port Input Level
Register Port 00
EPILR00
RW
00046DH
I/O Port - Extended Port Input Level
Register Port 01
EPILR01
RW
00046EH
I/O Port - Extended Port Input Level
Register Port 02
EPILR02
RW
00046FH
I/O Port - Extended Port Input Level
Register Port 03
EPILR03
RW
000470H
I/O Port - Extended Port Input Level
Register Port 04
EPILR04
RW
000471H
I/O Port - Extended Port Input Level
Register Port 05
EPILR05
RW
000472H
I/O Port - Extended Port Input Level
Register Port 06
EPILR06
RW
Table 0-1 I/O map (21 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com