Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 38 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 38 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 34Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 35Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 36Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 37Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 38Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 39Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 40Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 41Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 159 page
background image
MB96300 Series
Preliminary Specification
38
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
86
P12_7
J
General purpose I/O
INT1_R
Relocated external interrupt 1
HRQ
External bus Hold Request
SEG11
LCD controller / driver segment output
87
P00_0
J
General purpose I/O
INT3_R
Relocated external interrupt 3
HAKX
External bus Hold Acknowlegde
SEG12
LCD controller / driver segment output
88
P00_1
J
General purpose I/O
INT4_R
Relocated external interrupt 4
WRHX
External bus High byte Write strobe
SEG13
LCD controller / driver segment output
89
P00_2
J
General purpose I/O
INT5_R
Relocated external interrupt 5
RDY
External bus external wait state request
SEG14
LCD controller / driver segment output
92
P00_3
J
General purpose I/O
INT6_R
Relocated external interrupt 6
A00
External bus (non-multiplexed mode) address line
CS3_R
External bus relocated Chip Select 3
SEG15
LCD controller / driver segment output
93
P00_4
J
General purpose I/O
INT7_R
Relocated external interrupt 7
ALE
External bus Address Latch Enable signal
SEG16
LCD controller / driver segment output
PIN DESCRIPTION FOR MB96(F)38X
Pin no.
Pin name
Circuit
type
Function
MB96(F)38x
LQFP120*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com