Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 56 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 56 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 52Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 53Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 54Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 55Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 56Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 57Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 58Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 59Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 60Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 159 page
background image
MB96300 Series
Preliminary Specification
56
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
•
Connect VCC and VSS to the device from the power supply with lowest possible impedance.
•
As a measure against power supply noise, connect a capacitor of about 0.1
µF as a bypass capacitor
between VCC and VSS as close as possible to VCC and VSS pins.
7.
Crystal Oscillator Circuit
•
Noise at X0 or X1 pins may possibly cause abnormal operation. Make sure to provide bypass capacitors with
shortest distance to X0, X1 pins, crystal oscillator (or ceramic resonator) and ground lines, and make sure, to
the utmost effort, that lines of oscillation circuit not cross the lines of other circuits.
•
It is highly recommended to provide a printed circuit board art work surrounding X0 and X1 pins with a ground
area for stabilizing the operation.
8.
Turning-on Sequence of Power Supply to A/D Converter and Analog Inputs
•
Make sure to turn on the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (ANn) after
turning-on the digital power supply (VCC).
•
Turn-off the digital power after turning off the A/D converter supply and analog inputs. In this case, make sure
that the voltage does not exceed AVRH or AVCC (turning on/off the analog and digital power supplies
simultaneously is acceptable).
9.
Connection of Unused Pins of A/D Converter
•
Connect unused pins of A/D converter as AVCC = VCC, AVSS = AVRH = AVRL = VSS.
10. Notes on Energization
•
To prevent malfunction of the internal voltage regulator, supply voltage profile while turning on the power
supply should be slower than 50us from 0.2 V to 2.7 V.
11. Stabilization of power supply voltage
•
If the power supply voltage varies acutely even within the operation assurance range of the Vcc power supply
voltage, a malfunction may occur. The Vcc power supply voltage must therefore be stabilized. As stabilization
guidelines, stabilize the power supply voltage so that Vcc ripple fluctuations (peak to peak value) in the
commercial frequencies (50 to 60 Hz) fall within 10% of the standard Vcc power supply voltage and the
transient fluctuation rate becomes 0.1V/
µs or less in instantaneous fluctuation for power supply switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com