Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 25Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 26Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 27Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 28Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 29Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 30Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 31Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 32Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
29
16
28
30
15
18
P05_6
I
General purpose IO
AN14
A/D converter analog input
INT4_R
Relocated External Interrupt
INT4 input
17
29
31
19
P05_7
I
General purpose IO
AN15
A/D converter analog input
INT5_R
Relocated External Interrupt
INT5 input
OUT10_R
Output Compare Unit OCU10
waveform reloacted output
pin
78,79, 3
to 5
34 to 38
36 to 40
62, 63, 3
to 5
62, 63, 3
to 5
P06_0 to
P06_4
I
General purpose IO
AN0 to
AN4
A/D converter analog input
PPG0 to
PPG4
Programmable Pulse
Generator outputs
CS0_R to
CS4_R
External Chip selects
relocated output
6
39
41
6
6
P06_5
I
General purpose IO
AN5
A/D converter analog input
PPG5
Programmable Pulse
Generator outputs
CS5_R
External Chip select
relocated output
740
427
7
P06_6
I
General purpose IO
AN6
A/D converter analog input
PPG6
Programmable Pulse
Generator outputs
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com