Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 47 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 47 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 43Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 44Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 45Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 46Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 47Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 48Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 49Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 50Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
47
26, 27
P05_0,
P05_1
K
General purpose I/O
AN8, AN9
A/D converter inputs
ALARM0,
ALARM1
Alarm comparator 0, 1 inputs
SEG57,
SEG58
LCD controller / driver segment outputs
28
P05_2
K
General purpose I/O
AN10
A/D converter inputs
OUT2
Output Compare Unit 2 and 3 waveform output pins
SGO1
SGO output of Sound Generator 1
SEG59
LCD controller / driver segment outputs
29
P05_3
K
General purpose I/O
AN11
A/D converter inputs
OUT3
Output Compare Unit 2 and 3 waveform output pins
SGA1
SGA output of Sound Generator 1
SEG60
LCD controller / driver segment outputs
32
P05_4
K
General purpose I/O
AN12
A/D converter input
RX1
CAN controller 1 data receive
INT2_R
Relocated External Interrupt 2 input
SEG61
LCD controller / driver segment output
33
P05_5
K
General purpose I/O
AN13
A/D converter input
TX1
CAN controller 1 data transmit
SEG62
LCD controller / driver segment output
PIN DESCRIPTION FOR MB96(F)38X
Pin no.
Pin name
Circuit
type
Function
MB96(F)38x
LQFP120*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com