Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 94 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 94 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 90Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 91Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 92Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 93Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 94Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 95Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 96Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 97Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 98Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 159 page
background image
MB96300 Series
Preliminary Specification
94
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
000583H
PPG - Period setting register 9
W
000584H
PPG - Duty cycle register 9
PDUT9
W
000585H
PPG - Duty cycle register 9
W
000586H
PPG - Control status register 9
PCNL9
PCN9
RW
000587H
PPG - Control status register 9
PCNH9
RW
000588H
PPG - Timer register 10
PTMR10
R
000589H
PPG - Timer register 10
R
00058AH
PPG - Period setting register 10
PCSR10
W
00058BH
PPG - Period setting register 10
W
00058CH
PPG - Duty cycle register 10
PDUT10
W
00058DH
PPG - Duty cycle register 10
W
00058EH
PPG - Control status register 10
PCNL10
PCN10
RW
00058FH
PPG - Control status register 10
PCNH10
RW
000590H
PPG - Timer register 11
PTMR11
R
000591H
PPG - Timer register 11
R
000592H
PPG - Period setting register 11
PCSR11
W
000593H
PPG - Period setting register 11
W
000594H
PPG - Duty cycle register 11
PDUT11
W
000595H
PPG - Duty cycle register 11
W
000596H
PPG - Control status register 11
PCNL11
PCN11
RW
000597H
PPG - Control status register 11
PCNH11
RW
000598H
PPG - General Control rgister 1 PPG 15-
12 Low
GCN1L3
GCN13
RW
000599H
PPG - General Control rgister 1 PPG 15-
12 High
GCN1H3
RW
00059AH
PPG - General Control rgister 2 PPG 15-
12 Low
GCN2L3
GCN23
RW
00059BH
PPG - General Control rgister 2 PPG 15-
12 High
GCN2H3
RW
00059CH
PPG - Timer register 12
PTMR12
R
00059DH
PPG - Timer register 12
R
Table 0-1 I/O map (32 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com