Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 22Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 23Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 24Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 25Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 26Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 27Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 28Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 29Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 159 page
background image
MB96300 Series
Preliminary Specification
26
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
73810
59
P03_5
H
General purpose IO
HAKX
External bus interface hold
acknowledge output
OUT5
Output Compare Unit OCU5
waveform output
74911
60
P03_6
H
General purpose IO
RDY
External bus interface
external wait state request
OUT6
Output Compare Unit OCU6
waveform output
75
10
12
61
P03_7
H
General purpose IO
CLK
External bus interface clock
output pin
OUT7
Output Compare Unit OCU7
waveform output pin
24,25
11, 12
13, 14
19, 20
46, 47
P04_0,
P04_1
H
General purpose IO (only for
devices with S-suffix)
X0A, X1A
B
Oscillator input pins for sub-
clock (only for devices without
S-suffix)
19
16
18
16
41
P04_2
H
General purpose IO
IN6
Input Capture Unit ICU6 data
sample input
RX1
CAN1 Interface RX input
(not available on
MB96F3xxA, MB96F3xxC)
INT9_R
Relocated external interrupt
request input pin for INT9
TTG6/
TTG14
Programmable Pulse
Generators PPG6 and
PPG14 trigger
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com