Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 96 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 96 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 92Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 93Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 94Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 95Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 96Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 97Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 98Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 99Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 100Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 159 page
background image
MB96300 Series
Preliminary Specification
96
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
0005BCH
PPG - General Control rgister 1 PPG 19-
16 Low
GCN1L4
GCN14
RW
0005BDH
PPG - General Control rgister 1 PPG 19-
16 High
GCN1H4
RW
0005BEH
PPG - General Control rgister 2 PPG 19-
16 Low
GCN2L4
GCN24
RW
0005BFH
PPG - General Control rgister 2 PPG 19-
16 High
GCN2H4
RW
0005C0H
PPG - Timer register 16
PTMR16
R
0005C1H
PPG - Timer register 16
R
0005C2H
PPG - Period setting register 16
PCSR16
W
0005C3H
PPG - Period setting register 16
W
0005C4H
PPG - Duty cycle register 16
PDUT16
W
0005C5H
PPG - Duty cycle register 16
W
0005C6H
PPG - Control status register 16
PCNL16
PCN16
RW
0005C7H
PPG - Control status register 16
PCNH16
RW
0005C8H
PPG - Timer register 17
PTMR17
R
0005C9H
PPG - Timer register 17
R
0005CAH
PPG - Period setting register 17
PCSR17
W
0005CBH
PPG - Period setting register 17
W
0005CCH
PPG - Duty cycle register 17
PDUT17
W
0005CDH
PPG - Duty cycle register 17
W
0005CEH
PPG - Control status register 17
PCNL17
PCN17
RW
0005CFH
PPG - Control status register 17
PCNH17
RW
0005D0H
PPG - Timer register 18
PTMR18
R
0005D1H
PPG - Timer register 18
R
0005D2H
PPG - Period setting register 18
PCSR18
W
0005D3H
PPG - Period setting register 18
W
0005D4H
PPG - Duty cycle register 18
PDUT18
W
0005D5H
PPG - Duty cycle register 18
W
0005D6H
PPG - Control status register 18
PCNL18
PCN18
RW
Table 0-1 I/O map (34 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com