Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 5Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 6Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 7Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 8Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 9Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 10Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 11Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 12Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
9
Real Time Clock
MB96F348H/T: no
others: 1
1
Can be clocked either from sub oscillator (devices with partnumber suffix “W”), main oscillator or from
the RC oscillator
Facility to correct oscillation deviation of Sub clock or RC oscillator clock (clock calibration)
Read/write accessible second/minute/ hour registers
Can signal interrupts every halfsecond/second/ minute/hour/day
Internal clock divider and prescaler provide exact 1s clock based on a 4 MHz or a 32 kHz clock input
(devices with partnumber suffix “W”)
I/O Ports
136
64 for part
number with
suffix "W", 66
for part
number with
suffix "S"
80 for part
number with
suffix "W", 82
for part
number with
suffix "S"
49 for part
number with
suffix "W", 51
for part
number with
suffix "S"
34 for part
number with
suffix "W", 36
for part
number with
suffix "S"
94 for part
number with
suffix "W", 96
for part
number with
suffix "S
Virtually all external pins can be used as general purpose I/O
All push-pull outputs (except when used as I2C SDA/SCL line)
Bit-wise programmable input enable
Bit-wise programmable Pull-up resistor
Bit-wise programmable as input/output or peripheral signal
Bit-wise programmable as CMOS schmitt trigger/ automotive / TTL input
Bit-wise programmable output driving strength
Alarm comparator
2 channels
2 channels
MB96384R/Y,
MB96385R/Y:
1 channel
others:
2 channels
Monitors an external voltage and generates an interrupt in case of a voltage lower or higher than the
defined thresholds
Threshold voltages defined externally or generated internally
Status is readable, interrupts can be masked separately
External bus
interface
Yes
Yes
Multiplexed address/data lines
Non-multiplexed address/data lines (MB96V300 and MB9638x only)
16-bit bidirectional data bus
24-bit address lines (MB9635x: 22-bit address lines)
Wait state request
External bus master possible
Timing programmable
Chip select
6 signals
6 signals
6 signals
6 signals
6 signals
Clock output
function
2 channels
2 channels
2 channels
2 channels
2 channels
2 channels
Output any on-chip clock
Inverted and non-inverted clock (MB9636x,MB9635x has only non-inverted clock output)
Prescaler: 1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128 of selected clock
Synchronous or asynchronous start/stop
Low voltage reset
Reset is generated when supply voltage is below minimum.
Features
MB96V300
MB9632x
MB9634x
MB9635x
MB9636x
MB9638x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com