Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 55 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 55 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 51Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 52Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 53Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 54Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 55Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 56Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 57Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 58Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 59Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
55
s HANDLING DEVICES
Special care is required for the following when handling the device:
• Preventing latch-up
• Treatment of unused pins
• Using external clock
• Precautions for when not using a sub clock signal
• Notes on during operation of PLL clock mode
• Power supply pins (VCC/VSS)
• Crystal Oscillator Circuit
• Turning-on Sequence of Power Supply to A/D Converter and Analog Inputs
• Connection of Unused Pins of A/D Converter
• Notes on Energization
• Stabilization of power supply voltage
1.
Preventing latch-up
•
CMOS IC chips may suffer latch-up under the following conditions:
•
A voltage higher than VCC or lower than VSS is applied to an input or output pin.
•
A voltage higher than the rated voltage is applied between VCC and VSS.
•
The AVCC power supply is applied before the VCC voltage.
•
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
•
For the same reason, also be careful not to let the analog power-supply voltage (AVCC, AVRH) exceed the
digital power-supply voltage.
2.
Treatment of unused pins
•
Unused input pins may be left open when the input is disabled (corresponding bit of Port Input Enable register
PIER = 0).
•
Leaving unused input pins open when the input is enabled may result in misbehavior and possible permanent
damage of the device. Therefore they must be pulled up or pulled down through resistors. To prevent latchup,
those resistors should be more than 2 kOhm.
•
Unused bidirectional pins should be set to the output state and can be left open, or the input state with either
input disabled or external pull-up/pull-down resistor as described above.
3.
Using external clock
•
To use external clock, drive the X0 pin and leave X1 pin open.
4.
Precautions for when not using a sub clock signal
•
If you do not connect pins X0A and X1A to an oscillator, use a pull-down resistor on the X0A pin, and
•
leave the X1A pin open.
5.
Notes on during operation of PLL clock mode
•
If the PLL clock mode is selected and no external oscillator is operating or no external clock is supplied, the
microcontroller attempts to be working with the freely oscillating PLL. Performance of this operation, however,
cannot be guaranteed.
6.
Power supply pins (VCC/VSS)
•
Ensure that all VCC-level power supply pins are at the same potential. In addition, ensure the same for all
VSS-level power supply pins. If there are more than one VCC or VSS system, the device may operate
incorrectly even within the guaranteed operating range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com