Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 46 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 46 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 42Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 43Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 44Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 45Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 46Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 47Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 48Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 49Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 50Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 159 page
background image
MB96300 Series
Preliminary Specification
46
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
18, 19
P06_4,
P06_5
K
General purpose I/O
AN4, AN5
A/D converter inputs
IN0, IN1
Input Capture Unit input pin
TTG0/TTG4,
TTG1/TTG5
Programmable Pulse Generator 0 and 4 external trigger,
Programmable Pulse Generator 1 and 5 external trigger
SEG53,
SEG54
LCD controller / driver segment outputs
20
P06_6
K
General purpose I/O
AN6
A/D converter input
TIN1
Reload Timer 1 input
IN4_R
Input Capture Unit relocated input pin
SEG55
LCD controller / driver segment output
21
P06_7
K
General purpose I/O
AN7
A/D converter input
TOT1
Reload Timer 1 output
IN5_R
Input Capture Unit relocated input pin
SEG56
LCD controller / driver segment output
22
AVCC
F
Analogue circuits power supply
23
AVRH
G
A/D converter high reference voltage
Supply voltage to AVCC pin must be kept higher than or equal to
AVRH pin voltage especially when the supply voltage to AVRH is
turned on or off
24
AVRL
F
A/D converter low reference voltage
25
AVSS
F
Analogue circuits power supply
PIN DESCRIPTION FOR MB96(F)38X
Pin no.
Pin name
Circuit
type
Function
MB96(F)38x
LQFP120*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com