Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 21Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 22Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 23Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 24Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 25Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 26Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 27Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 28Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
25
69
46
55
P03_1
H
General purpose IO
RDX
External bus interface read
strobe output
IN5
Input Capture Unit ICU 5 data
sample input
TTG5/
TTG13
Programmable Pulse
Generator PPG5 and PPG13
trigger
TOT2_R
Reload Timer 2 relocated
output
70
57
56
P03_2
H
General purpose IO
WRLX /
WRX
External bus (16-bit data
mode) interface low byte write
strobe output pin
External bus (8-bit data
mode) interface write strobe
output pin
INT10_R
Relocated external interrupt
request input for INT10
RX2
CAN2 interface RX input
(not available on
MB96F3xxA, MB96F3xxC)
71
68
57
P03_3
H
General purpose IO
WRHX
External bus interface write
strobe output pin for the 8
higher bits of the data bus
TX2
CAN2 interface TX output pin
(not available on
MB96F3xxA, MB96F3xxC)
72
7
9
58
P03_4
H
General purpose IO
HRQ
External bus interface hold
request input
OUT4
Output Compare Unit OCU4
waveform output
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com