Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 92 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 92 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 88Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 89Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 90Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 91Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 92Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 93Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 94Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 95Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 96Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 159 page
background image
MB96300 Series
Preliminary Specification
92
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
000545H
LIN USART - Baud Rate Generator
Register 7
BGRH7
RW
000548H
LIN USART - Serial Mode Register 8
SMR8
RW
000549H
LIN USART - Serial Control Register 8
SCR8
RW
00054AH
LIN USART - Serial TX Register 8
TDR8
W
00054AH
LIN USART - Serial RX Register 8
RDR8
R
00054BH
LIN USART - Serial Status Register 8
SSR8
RW
00054CH
LIN USART - Ext. Control/Com. Register 8
ECCR8
RW
00054DH
LIN USART - Ext. Status Com. Register 8
ESCR8
RW
00054EH
LIN USART - Baud Rate Generator
Register 8
BGRL8
BGR8
RW
00054FH
LIN USART - Baud Rate Generator
Register 8
BGRH8
RW
000552H
LIN USART - Serial Mode Register 9
SMR9
RW
000553H
LIN USART - Serial Control Register 9
SCR9
RW
000554H
LIN USART - Serial TX Register 9
TDR9
W
000554H
LIN USART - Serial RX Register 9
RDR9
R
000555H
LIN USART - Serial Status Register 9
SSR9
RW
000556H
LIN USART - Ext. Control/Com. Register 9
ECCR9
RW
000557H
LIN USART - Ext. Status Com. Register 9
ESCR9
RW
000558H
LIN USART - Baud Rate Generator
Register 9
BGRL9
BGR9
RW
000559H
LIN USART - Baud Rate Generator
Register 9
BGRH9
RW
000560H
Alarm Comparator 0
ACSR0
RW
000561H
Alarm Comparator 0
AECSR0
RW
000562H
Alarm Comparator 1
ACSR1
RW
000563H
Alarm Comparator 1
AECSR1
RW
000564H
PPG - Timer register 6
PTMR6
R
000565H
PPG - Timer register 6
R
000566H
PPG - Period setting register 6
PCSR6
W
000567H
PPG - Period setting register 6
W
Table 0-1 I/O map (30 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com