Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 60 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 60 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 56Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 57Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 58Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 59Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 60Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 61Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 62Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 63Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 64Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 159 page
background image
MB96300 Series
Preliminary Specification
60
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
Block Diagram of MB963xx
Stepper
n ch.
PWM1M0 ... PWM1Mn
PWM1P0 ... PWM1Pn
PWM2M0 ... PWM2Mn
PWM2P0 ... PWM2Pn
DVDD
DVSS
I2C
n ch.
SDA0 ... SDAn
SCL0 ... SCLn
DMA
Controller
Boot ROM
Peripheral
Bus Bridge
Peripheral
Bus Bridge
16FX Core Bus (CLKB)
USART
n ch.
10-bit ADC
n ch.
Alarm
Comparator
n ch.
16-bit Reload
Timer
n ch.
I/O Timer 0
ICU 0/1/2/3
OCU 0/1/2/3
I/O Timer 2
ICU 8/9
I/O Timer 3
ICU 10/11
16-bit PPG
n ch.
CAN
Interface
n ch.
External
Interrupt
Sound
Generator
LCD
driver
Real Time
Clock
Clock Output
Function
n ch.
controller/
Watchdog
RAM
Voltage
Regulator
SIN0 ... SINn
SOT0 ... SOTn
SCK0 ... SCKn
ALARM0
ALARM1
WOT
CKOT0, CKOT1
CKOTX0, CKOTX1
SGOn
SGAn
AVCC
AVSS
AVRH
AVRL
AN0 ... ANn
ADTG
TIN0 ... TINn
TOT0 ... TOTn
FRCK0
IN0 ... INn
OUT0 ... OUTn
FRCK2
IN8, IN9
FRCK3
IN10,IN11
INT0 ... INTn
V0 ... V3
COM0 ... COM3
SEG0 ... SEG71
TX0 ... TXn
RX0 ... RXn
VCC
VSS
C
not available
on all products
Suffix "n" denotes variable
number of instances in
different products. Please
refer to product lineup.
Motor
Controller
PPG0 ... PPG19
TTG0 ... TTG19
I/O Timer 1
ICU 4/5/6/7
OCU 4/5/6/7
FRCK1
INm ... INn
OUTm ... OUTn
n ch.
16FX
CPU
Interrupt
Controller
Clock &
Mode Controller
ROM
Memory Patch
Unit
X0, X1
X0A, X1A
RSTX
AD00 ... AD15
A00 ... A23
ALE
RDX
WRLX, WRHX
HRQ
HAKX
RDY
CLK
External Bus
Interface
MD0...MD2
LBX, UBX
CS0 ... CS5
NMI
OUT8/OUT9
OCU 8/9
OUT10/OUT11
OCU 10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com