Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 82 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 82 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 78Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 79Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 80Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 81Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 82Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 83Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 84Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 85Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 86Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 159 page
background image
MB96300 Series
Preliminary Specification
82
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
00044BH
I/O Port - Port Input Enable Register I/O
Port - Port 07
PIER07
RW
00044CH
I/O Port - Port Input Enable Register I/O
Port - Port 08
PIER08
RW
00044DH
I/O Port - Port Input Enable Register I/O
Port - Port 09
PIER09
RW
00044EH
I/O Port - Port Input Enable Register I/O
Port - Port 10
PIER10
RW
00044FH
I/O Port - Port Input Enable Register I/O
Port - Port 11
PIER11
RW
000450H
I/O Port - Port Input Enable Register I/O
Port - Port 12
PIER12
RW
000451H
I/O Port - Port Input Enable Register I/O
Port - Port 13
PIER13
RW
000452H
I/O Port - Port Input Enable Register I/O
Port - Port 14
PIER14
RW
000453H
I/O Port - Port Input Enable Register I/O
Port - Port 15
PIER15
RW
000454H
I/O Port - Port Input Enable Register I/O
Port - Port 16
PIER16
RW
000455H
I/O Port - Port Input Enable Register I/O
Port - Port 17
PIER17
RW
000458H
I/O Port - Port Input Level Register I/O
Port - Port 00
PILR00
RW
000459H
I/O Port - Port Input Level Register I/O
Port - Port 01
PILR01
RW
00045AH
I/O Port - Port Input Level Register I/O
Port - Port 02
PILR02
RW
00045BH
I/O Port - Port Input Level Register I/O
Port - Port 03
PILR03
RW
00045CH
I/O Port - Port Input Level Register I/O
Port - Port 04
PILR04
RW
00045DH
I/O Port - Port Input Level Register I/O
Port - Port 05
PILR05
RW
00045EH
I/O Port - Port Input Level Register I/O
Port - Port 06
PILR06
RW
Table 0-1 I/O map (20 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com