Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 84 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 84 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 80Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 81Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 82Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 83Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 84Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 85Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 86Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 87Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 88Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 159 page
background image
MB96300 Series
Preliminary Specification
84
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
000473H
I/O Port - Extended Port Input Level
Register Port 07
EPILR07
RW
000474H
I/O Port - Extended Port Input Level
Register Port 08
EPILR08
RW
000475H
I/O Port - Extended Port Input Level
Register Port 09
EPILR09
RW
000476H
I/O Port - Extended Port Input Level
Register Port 10
EPILR10
RW
000477H
I/O Port - Extended Port Input Level
Register Port 11
EPILR11
RW
000478H
I/O Port - Extended Port Input Level
Register Port 12
EPILR12
RW
000479H
I/O Port - Extended Port Input Level
Register Port 13
EPILR13
RW
00047AH
I/O Port - Extended Port Input Level
Register Port 14
EPILR14
RW
00047BH
I/O Port - Extended Port Input Level
Register Port 15
EPILR15
RW
00047CH
I/O Port - Extended Port Input Level
Register Port 16
EPILR16
RW
00047DH
I/O Port - Extended Port Input Level
Register Port 17
EPILR17
RW
000480H
I/O Port - Port Output Drive Register Port
00
PODR00
RW
000481H
I/O Port - Port Output Drive Register Port
01
PODR01
RW
000482H
I/O Port - Port Output Drive Register Port
02
PODR02
RW
000483H
I/O Port - Port Output Drive Register Port
03
PODR03
RW
000484H
I/O Port - Port Output Drive Register Port
04
PODR04
RW
000485H
I/O Port - Port Output Drive Register Port
05
PODR05
RW
000486H
I/O Port - Port Output Drive Register Port
06
PODR06
RW
Table 0-1 I/O map (22 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com