Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB96F348CSAPMC-GE2 Datasheet(PDF) 158 Page - fujitsu semiconductor

Part # MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Datasheet(HTML) 158 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 151Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 152Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 153Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 154Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 155Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 156Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 157Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 158Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 159Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 158 / 159 page
background image
MB96300 Series
Preliminary Specification
158
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
s Revision History
Revision
Date
Modification
11
2006-09-27
“Description” and “Features”: “64MHz” replaced by “up to 64MHz”
11
2006-09-27
“Pin Description”: New circuit type “N” for I2C pins added. Cicruit types I, J, K
and L: driving strength corrected from 4mA to 5/2mA
11
2006-09-27
“AD Converter”: Conversion and Sampling time definitions added
11
2006-09-29
Electrical characteristics updated
11
2006-10-01
In Memory map: bank configuration record are added
11
2006-10-04
MB96(F)38X pin description: Pin 93 and pin 103 corrected
12
2006-11-01
INT3_R1 function added, INTxR function renamed to INTx_R
12
2006-11-01
Electrical characteristics for RC clock modes updated (reduced values). Note for
additional current of certain MB96F348 devices added
12
2006-11-15
changed max. frequence on cover page and feature list from 64MHz/15.6ns to
56MHz / 17.8ns to avoid confusion
13
2006-11-29
Made PLL unlock interrupt RESERVED.
13
2006-12-07
C-Pin Capacitor spec added (4.7-10uF X7R cap); Bank0/1 Flash -> Main/Sat
Flash, ICC values slightly modified after corner sample review.
13
2006-12-11
F35X: 2 -> 4 UARTS, 0 -> 1 Real time clock
13
2006-12-11
IAIN=3uA max at high temp
13
2006-12-11
Max operating temperature for Flash erase/write 105 deg, 10.000 cycles
13
2006-12-11
64 pin package is “FPT-64P-M09” (wrong package was stated in lineup)
13
2006-12-11
All reloacated pin functions renamed from xxxR to xxx_R
14
2006-12-12
Removed small RAM size devices from RAMSTART table.
15
2006-12-13
Ordering information: All part numbers changed from “-HE2” to “E2”
15
2006-12-13
Block diagrams corrected: External bus pin names corrected, mode pins added,
clock output pin names corrected. External bus address name changed: A0-A23 ->
A00 - A23, AD0 - AD7 -> AD00 - AD07.
16
2007-01-22
Added MB96320. Modified pin-out and interrupt vector table of MB9635x.
Modified pin out of MB9636x.
17
2007-01-23
Added package dimension MB96(F)356 LQFP 64P - M24
17
2007-01-26
Updated product line-up.
Added MB96F326 and MB96F356 ordering information
18
2007-01-29
Corrected ordering information: MB96F326 PQC -> MB96F326 PMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com