Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 14 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 10Page - Texas Instruments LM98640CVAL Datasheet HTML 11Page - Texas Instruments LM98640CVAL Datasheet HTML 12Page - Texas Instruments LM98640CVAL Datasheet HTML 13Page - Texas Instruments LM98640CVAL Datasheet HTML 14Page - Texas Instruments LM98640CVAL Datasheet HTML 15Page - Texas Instruments LM98640CVAL Datasheet HTML 16Page - Texas Instruments LM98640CVAL Datasheet HTML 17Page - Texas Instruments LM98640CVAL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
14
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
LM98640QML-SP Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD33 = 3.3 V, VDD18 = 1.8 V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified.
PARAMETER
TEST CONDITIONS
NOTES
SUB-
GROUPS
MIN TYP(3)
MAX UNIT
PGA SPECIFICATIONS
Gain Resolution
1, 2, 3
8
Bits
Monotonicity
See(5)
Maximum Gain
CDS Gain = 1x
1, 2, 3
7.92
8.3
8.78
V/V
CDS Gain = 1x
1, 2, 3
17.99
18.4
18.88
dB
Minimum Gain
CDS Gain = 1x
1, 2, 3
0.62
0.64
0.66
V/V
CDS Gain = 1x
1, 2, 3
–4.15
–3.8
–3.54
dB
PGA Function
Gain (V/V) = (180/(277-PGA Code))
Gain (dB) = 20LOG10(180/(277-PGA Code))
Channel Matching
Minimum PGA Gain
1, 2
95.2%
99.0%
3
94.0%
99.0%
Maximum PGA Gain
1, 2
95.2%
99.0%
3
94.0%
99.0%
ADC SPECIFICATIONS
VREFT
Top of Reference
2.0
V
VREFB
Bottom of Reference
1.0
V
VREFT - VREFB Differential Reference Voltage
1.0
V
Overrange Output Code
1, 2, 3
16383
16383
Code
Underrange Output Code
1, 2, 3
0
0 Code
FULL CHANNEL PERFORMANCE SPECIFICATIONS
DNL
Differential Non-Linearity
5 MHz
1, 2, 3
–1.03
0.78
1.53
LSB
5 MHz CDS
1, 2, 3
–1.20
1.0
2.24
15 MHz
0.78
25 MHz
0.78
40 MHz
1, 2, 3
–1.03
0.78
1.45
INL
Integral Non-Linearity
5 MHz
1, 2, 3
–5.38
1.7
4.38
LSB
5 MHz CDS
1, 2, 3
–3.41
1.7
5.15
15 MHz
1.9
25 MHz
2.4
40 MHz
1, 2, 3
–9.9
6.0
7.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com