Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 45 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 41Page - Texas Instruments LM98640CVAL Datasheet HTML 42Page - Texas Instruments LM98640CVAL Datasheet HTML 43Page - Texas Instruments LM98640CVAL Datasheet HTML 44Page - Texas Instruments LM98640CVAL Datasheet HTML 45Page - Texas Instruments LM98640CVAL Datasheet HTML 46Page - Texas Instruments LM98640CVAL Datasheet HTML 47Page - Texas Instruments LM98640CVAL Datasheet HTML 48Page - Texas Instruments LM98640CVAL Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
45
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Table 9. Register Definitions - Digital Configuration (continued)
ADDRESS
(BINARY)
REGISTER
TITLE
BASELINE
(BINARY)
BIT(s)
DESCRIPTION
11 1001
Test Pattern Value
0000 0000
[7:0]
Lower 6 bits of Test Pattern Value Register. Specifies the lower 6 bits
of the test code value during Fixed Pattern and LVDS test, initial value
during H Gradient & V Gradient pattern, and higher value in the Lattice
and Stripe Pattern.
11 1100
Digital Configuration
0000 0000
[7:0]
Serial Communication Configuration Register.
[7:1]
Not Used.
[0]
Micro-Wire Automatic Read Disable.
0 Read data is always sent out on SDO during the first 8 SCLK cycles.
The register is selected by the register address in the previous cycle.
(read or write)
1 Automatic read is disabled.
To read from a register two cycles need to be initiated by the master,
first cycle should be a read with the correct register address and
second can be a dummy read or read from another address or a write
cycle, and the data is sent first 8 SCLK of the second cycle. After a
write command SDO remains in Tri-State during first 8 SCLK.
11 1101
Test & Scan Control
0000 0000
[7:0]
Test & Scan Control Register
[7:6]
Not Used.
[5]
Test Pattern Voting Switch.
0 Enable. Circuit Redundancy Voting is active.
1 Disable. First redundancy block output is used.
[4]
Micro-wire Voting Switch.
0 Enable. Circuit Redundancy Voting is active.
1 Disable. First Micro-wire block output is used.
[3]
Not Used.
[2]
Test Reset. Resets the test block when High, normal test block function
when Low. This bit is not self-clearing.
[1]
Test Mode Enable.
0 Disable.
1 Enable. Needed to run Test Pattern functions.
[0]
Not Used.
11 1110
Device ID
0100 1000
[7:0]
Device Revision ID. Engineering samples might be x01 or x47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com