Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 16 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 12Page - Texas Instruments LM98640CVAL Datasheet HTML 13Page - Texas Instruments LM98640CVAL Datasheet HTML 14Page - Texas Instruments LM98640CVAL Datasheet HTML 15Page - Texas Instruments LM98640CVAL Datasheet HTML 16Page - Texas Instruments LM98640CVAL Datasheet HTML 17Page - Texas Instruments LM98640CVAL Datasheet HTML 18Page - Texas Instruments LM98640CVAL Datasheet HTML 19Page - Texas Instruments LM98640CVAL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
16
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
LM98640QML-SP Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD33 = 3.3 V, VDD18 = 1.8 V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified.
PARAMETER
TEST CONDITIONS
NOTES
SUB-
GROUPS
MIN TYP(3)
MAX UNIT
THD
Total Harmonic Distortion
5 MHz
4, 5
–71.4
–69.0
dB
6
–69.9
–67.8
15 MHz
–75.1
dB
–73.9
25 MHz
–68.9
dB
–68.2
40 MHz
4, 5
–62.0
–60.0
dB
6
–62.0
–60.0
SFDR
Spurious-Free Dynamic Range
5 MHz
4, 5
69.4
71.5
dB
6
68.4
70.4
15 MHz
76.0
dB
76.0
25 MHz
69.0
dB
69.0
40 MHz
4, 5
60.0
62.0
dB
6
60.0
62.0
SINAD
Signal-to-Noise Plus Distortion
Ratio
5 MHz
4, 5
65.0
67.0
dB
6
62.0
64.5
15 MHz
68.0
dB
64.5
25 MHz
66.0
dB
64.5
40 MHz
4, 5
59.0
61.0
dB
6
59.0
60.5
ENOB
Effective Number of Bits
5 MHz
4, 5
10.5
10.8
Bits
6
10.0
10.4
15 MHz
11.0
Bits
10.4
25 MHz
10.7
Bits
10.5
40 MHz
4, 5
9.5
9.8
Bits
6
9.5
9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com