Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM98640CVAL Datasheet HTML 1Page - Texas Instruments LM98640CVAL Datasheet HTML 2Page - Texas Instruments LM98640CVAL Datasheet HTML 3Page - Texas Instruments LM98640CVAL Datasheet HTML 4Page - Texas Instruments LM98640CVAL Datasheet HTML 5Page - Texas Instruments LM98640CVAL Datasheet HTML 6Page - Texas Instruments LM98640CVAL Datasheet HTML 7Page - Texas Instruments LM98640CVAL Datasheet HTML 8Page - Texas Instruments LM98640CVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Digital
Control
and
Config
Registers
SCLK
SDI
SDO
TXFRM-
TXFRM+
TXOUT0-
TXOUT0+
TXOUT1-
TXOUT1+
TXOUT2-
TXOUT2+
TXOUT3-
TXCLK-
DLL
ATG
64
PGA
SERIALIZER
TXOUT3+
TXCLK+
PGA
INTERNAL
REFERENCE
14 Bit
ADC
14
14
SEN
OS1+
OS1-
OS2+
OS2-
INCLK+
INCLK-
Input Bias/
Clamping
PGA1[7:0]
PGA2[7:0
]
INTERNAL
REFERENCE
VBG
VCLP
14 Bit
ADC
5
8
8
VCLP
Control[4:0]
VCLP
Reference
DAC
9
COARSE
DAC
FINE
DAC
CDAC1[
8:0]
FDAC1[
8:0]
9
Input Bias/
Clamping
CDS
S/H
+
-
CDS
S/H
+
-
9
COARSE
DAC
FINE
DAC
CDAC2[
8:0]
FDAC2[
8:0]
9
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS
Analog Front End With LVDS Output
1
1 Features
1
•
Radiation Hardened
–
TID 100 krad(Si)
–
Single Event Latch-Up (SEL) Immune to LET =
120 MeV-cm2/mg
–
Single Event Functional Interrupt (SEFI) Free
to 120 MeV-cm2/mg
–
SMD 5962R1820301VXC
•
ADC Resolution: 14-Bit
•
ADC Sampling Rate: 5 MSPS to 40 MSPS
•
Input Level: 2.85 V
•
Supply Voltages 3.3 V and 1.8 V (Nominal)
–
125 mW per Channel at 15 MSPS
–
178 mW per Channel at 40 MSPS
•
CDS or S/H Processing for CCD or CIS Sensors
–
CDS or S/H Gain 0 dB or 6 dB
•
Programmable Analog Gain for Each Channel
–
256 Steps; Range –3 dB to 18 dB
•
Programmable Analog Offset Correction
–
Fine and Coarse DAC Resolution ±8 Bits
–
Fine DAC Range ±5 mV
–
Coarse DAC Range ±250 mV
•
Programmable Input Clamp Voltage
•
Programmable Sample Edge: 1/64th Pixel Period
•
INL at 15 MHz: ±3.5 LSB
•
Noise Floor: –79 dB
•
Crosstalk: –80 dB
•
Operating Temp: –55°C to 125°C
2 Applications
•
Space Satellites Scientific Applications
–
Focal Plane Electronics
–
Imaging Attitude Control Systems
–
Earth Imaging
3 Description
The LM98640QML-SP is a fully integrated, high
performance 14-Bit, 5-MSPS to 40-MSPS signal
processing solution. The Serial LVDS output format
performs
well
during
single
event
exposure,
preventing data loss. The LM98640QML-SP has an
adaptive power scaling feature to optimize power
consumption based on the operating frequency and
amount
of
gain
required.
High-speed
signal
throughput is achieved with an innovative architecture
utilizing Correlated Double Sampling (CDS), typically
employed with CCD arrays, or Sample and Hold
(S/H) inputs (for CIS and CMOS image sensors). The
sampling edges are programmable to a resolution of
1/64th of a pixel period. Both the CDS and S/H have
a programmable gain of either 0 dB or 6 dB. The
signal paths utilize two ±8-bit offset correction DACs
for coarse and fine offset correction, and 8-bit
Programmable Gain Amplifiers (PGA) that can be
programmed independently for each input. The
signals are then routed to two on chip 14-bit 40-MHz
high performance analog-to-digital converters (ADC).
The fully differential processing channel provides
exceptional noise immunity, having a very low noise
floor of –79 dB at 1x gain.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
5962R1820301VXC
QMLV RHA (SMD part)
[100 krad(Si)]
CQFP (68)
LM98640W-MLS
Flight RHA (non-SMD part)
[100 krad(Si)]
CQFP (68)
LM96840W-MPR
Engineering Samples(2)
CQFP (68)
LM98640CVAL
Ceramic Evaluation Board
EVM
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) These units are intended for engineering evaluation only.
They are processed to a noncompliant flow. These units are
not suitable for qualification, production, radiation testing or
flight use. Part are not warranted for performance over the full
MIL specified temperature range of –55°C to 125°C or
operating life.


Similar Part No. - LM98640CVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640CVAL TI1-LM98640CVAL Datasheet
1Mb / 52P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
565Kb / 54P
Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
More results

Similar Description - LM98640CVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 31P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H5001-SP TI-TPS7H5001-SP Datasheet
3Mb / 58P
TPS7H5001-SP Radiation-Hardness-Assured Si and GaN Dual Output Controller
TPS7H2211-SP TI-TPS7H2211-SP Datasheet
1Mb / 41P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
NOVEMBER 2021
TPS7H2211-SP TI-TPS7H2211-SP_V01 Datasheet
1Mb / 42P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
MAY 2022
TPS7H2211-SP TI1-TPS7H2211-SP_V02 Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com