Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 39 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 35Page - Texas Instruments LM98640CVAL Datasheet HTML 36Page - Texas Instruments LM98640CVAL Datasheet HTML 37Page - Texas Instruments LM98640CVAL Datasheet HTML 38Page - Texas Instruments LM98640CVAL Datasheet HTML 39Page - Texas Instruments LM98640CVAL Datasheet HTML 40Page - Texas Instruments LM98640CVAL Datasheet HTML 41Page - Texas Instruments LM98640CVAL Datasheet HTML 42Page - Texas Instruments LM98640CVAL Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
39
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Table 6. Register Definitions - Analog Configuration (continued)
ADDRESS
(BINARY)
REGISTER
TITLE
BASELINE
(BINARY)
BIT(s)
DESCRIPTION
00 0001
Powerdown Control
0000 0000
[7:0]
Powerdown Control Register
[7]
Master Powerdown
0 Fully Powered.
1 Powerdown Mode. Over rides bits [6:0].
[6]
VCLP Powerdown
0 VCLP Fully Powered.
1 VCLP Powerdown Mode.
[5]
Channel 2 Reference Buffer Powerdown
0 Reference Buffer Fully Powered.
1 Reference Buffer Powerdown Mode.
[4]
Channel 1 Reference Buffer Powerdown
0 Reference Buffer Fully Powered.
1 Reference Buffer Powerdown Mode.
[3]
Channel 2 PGA Powerdown
0 OpAmp Fully Powered.
1 OpAmp Powerdown Mode.
[2]
Channel 1 PGA Powerdown
0 OpAmp Fully Powered.
1 OpAmp Powerdown Mode.
[1]
Channel 2 ADC Powerdown
0 Amplifier Fully Powered.
1 Amplifier Powerdown Mode.
[0]
Channel 1 ADC Powerdown
0 ADC Fully Powered.
1 ADC Powerdown Mode.
00 0010
PGA Power Trimming
0010 0100
[7:0]
PGA Power Trimming Register.
[7:6]
Not Used
[5:3]
PGA Stage 1 Current Trimming
Tunable between 000-Weak to 111-Strong (Default 100)
[2:0]
PGA Stage 2 Current Trimming
Tunable between 000-Weak to 111-Strong (Default 100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com