Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 48 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 44Page - Texas Instruments LM98640CVAL Datasheet HTML 45Page - Texas Instruments LM98640CVAL Datasheet HTML 46Page - Texas Instruments LM98640CVAL Datasheet HTML 47Page - Texas Instruments LM98640CVAL Datasheet HTML 48Page - Texas Instruments LM98640CVAL Datasheet HTML 49Page - Texas Instruments LM98640CVAL Datasheet HTML 50Page - Texas Instruments LM98640CVAL Datasheet HTML 51Page - Texas Instruments LM98640CVAL Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
48
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
9 Layout
9.1 Layout Guidelines
9.1.1 Power Planes
Power for the LM98640QML-SP should be provided through a broad plane which is located on one layer
adjacent to the ground plane(s). Placing the power and ground planes on adjacent layers will provide low
impedance decoupling of the AFE supplies, especially at higher frequencies. The output of a linear regulator
should feed into the power plane through a low impedance multi-via connection. The power plane should be split
into individual power peninsulas near the AFE. Each peninsula should feed a particular power bus on the AFE,
with decoupling for that power bus connecting the peninsula to the ground plane near each power/ground pin
pair. Using this technique can be difficult on many printed circuit CAD tools. To work around this, 0-Ω resistors
can be used to connect the power source net to the individual nets for the different AFE power buses. As a final
step, the 0-Ω resistors can be removed and the plane and peninsulas can be connected manually after all other
error checking is completed.
9.1.2 Bypass Capacitors
The general recommendation is to have one 100-nF capacitor for each power/ground pin pair. The capacitors
should be surface mount multi-layer ceramic chip capacitors.
9.1.3 Ground Plane
Grounding should be done using continuous full ground planes to minimize the impedance for all ground return
paths, and provide the shortest possible image/return path for all signal traces.
9.1.4 Thermal Management
The exposed pad on bottom of the package is attached to the back of the die to act as a heat sink. Connecting
this pad to the PCB ground planes with a low thermal resistance path is the best way to remove heat from the
AFE. This pad should also be connected to the ground planes through low impedance path for electrical
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com