Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 43 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 39Page - Texas Instruments LM98640CVAL Datasheet HTML 40Page - Texas Instruments LM98640CVAL Datasheet HTML 41Page - Texas Instruments LM98640CVAL Datasheet HTML 42Page - Texas Instruments LM98640CVAL Datasheet HTML 43Page - Texas Instruments LM98640CVAL Datasheet HTML 44Page - Texas Instruments LM98640CVAL Datasheet HTML 45Page - Texas Instruments LM98640CVAL Datasheet HTML 46Page - Texas Instruments LM98640CVAL Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
43
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Table 8. Register Definitions - Timing Configuration
ADDRESS
(BINARY)
REGISTER
TITLE
BASELINE
(BINARY)
BIT(s)
DESCRIPTION
10 0000
Clamp Start
0000 1000
[7:0]
Clamp Start Register.
[7:6]
Not Used.
[5:0]
CLAMP Starting Index. 0-63d position for rising edge of CLAMP signal.
Valid only in CDS Mode.
10 0001
Clamp End
0001 1100
[7:0]
Clamp End Register.
[7:6]
Not Used.
[5:0]
CLAMP End Index. 0-63d position for falling edge of CLAMP signal.
Valid only in CDS Mode.
10 0010
Sample Start
0010 1000
[7:0]
Sample Start Register.
[7:6]
Not Used.
[5:0]
SAMPLE starting Index. 0-63d position for rising edge of SAMPLE
signal.
10 0011
Sample End
0011 1100
[7:0]
Sample End Register.
[7:6]
Not Used.
[5:0]
SAMPLE End Index. 0-63d position for falling edge of SAMPLE signal.
10 0101
INCLK Range
0000 0010
[7:0]
INCLK Range Register.
[7]
Not Used.
[6:4]
INCLK Range.
000 25 to 40 MHz Operation
001 14 to 25 MHz Operation
010 10 to 14 MHz Operation
011 7.5 to 10 MHz Operation
100 6 to 7.5 MHz Operation
101 5 to 6 MHz Operation
110 Not Used
111 Not Used
[3:2]
Not Used.
[1:0]
DLL Range
11 Reserved
10 14 to 40 MHz Operation
01 7.5 to 14 MHz Operation
00 5 to 7.5 MHz Operation
10 1000
DLL Configuration
0000 1111
[7:0]
DLL Configuration Register
[7:1]
Reserved
[0]
DLL Reset. (Self Clearing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com