Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 23 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 19Page - Texas Instruments LM98640CVAL Datasheet HTML 20Page - Texas Instruments LM98640CVAL Datasheet HTML 21Page - Texas Instruments LM98640CVAL Datasheet HTML 22Page - Texas Instruments LM98640CVAL Datasheet HTML 23Page - Texas Instruments LM98640CVAL Datasheet HTML 24Page - Texas Instruments LM98640CVAL Datasheet HTML 25Page - Texas Instruments LM98640CVAL Datasheet HTML 26Page - Texas Instruments LM98640CVAL Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
23
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Feature Description (continued)
commonly a difference in switched capacitor matching), the processing of identical pixels through the two
different paths may result in a small offset in ADC output data between the two paths. To correct this, a simple
digital offset can be applied in post processing to either the even pixel data or the odd pixel data. To simplify this
action, the LM98640QML-SP will indicate (with the TXFRM signal) whether the pixel traveled the even path or
the odd path. For all "Odd" pixels, the TXFRM signal is high for three TXCLK periods. For "Even" pixels, the
TXFRM signal is high for two TXCLK periods. In Sample and Hold Mode there is only one sampling path,
therefore there is no need to indicate an even or odd pixel. As a result, the TXFRM signal is the same for every
pixel in Sample and Hold mode (i.e. high for three TXCLK periods).
7.3.1.2.2
CDS Mode CLAMP/SAMPLE Adjust
In CDS mode, the LM98640QML-SP utilizes two input networks, alternating between them every pixel, to
increase throughput speeds. Because of this, there are two sets of CLAMP and SAMPLE windows defined in
Table 8, one for even pixels and one for odd. Sample Start and Sample End Registers (0x22,0x23) along with
the Clamp Start and Clamp End Registers (0x20,0x21) control both the even and odd CLAMP and SAMPLE
pulses. To adjust the CLAMP and SAMPLE pulses, first send the CLAMPODD and SAMPLEODD signals to the
DTM pins by writing 10 to bits[4:3] of the Clock Monitor Register (0x09). This will allow the user to observe the
CLAMPODD and SAMPLEODD pulses on pins DTM0 and DTM1 along with the image sensor output using an
oscilloscope. The CLAMP and SAMPLE pulses will only be shown for every other pixel because of the even odd
architecture, but the positions of the even CLAMP and SAMPLE pulses will be identically defined to that of the
odd CLAMP and SAMPLE; however, odd and even path mismatch could result in a slightly different position of
the pulses. Then, using the Clamp Start/End and Sample Start/End registers, adjust the positions of the CLAMP
and SAMPLE pulses to align them over the Reference and Video Levels of the input signal. To allow for settling
and to reduce noise, the CLAMP and SAMPLE pulses should be made as wide as possible and placed near the
far edge of their respective input levels.
The following figure shows some examples of input CCD waveforms and placement of the CLAMP and SAMPLE
positions for each. Ideally the CCD output would line up directly with the input clock at the AFE inputs, but due to
trace delays in the system the CCD output is delayed relative to the input clock. In the Delayed CCD waveform
the Sample Start/End Register values are lower than the Clamp Start/End Register Values. In this situation the
sample pulse is not generated until the next clock period, which allows it to be correctly placed in the Video Level
of the input signal. Notice that edge zero of the internal clock does not line up with the rising edge of the input
clock. This is due to internal delays of the clock signals. The amount of delay can be calculated from operating
frequency using the following formula: tDCLK = 6.0 ns + 3 / 64 × TINCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com