Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 41 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 37Page - Texas Instruments LM98640CVAL Datasheet HTML 38Page - Texas Instruments LM98640CVAL Datasheet HTML 39Page - Texas Instruments LM98640CVAL Datasheet HTML 40Page - Texas Instruments LM98640CVAL Datasheet HTML 41Page - Texas Instruments LM98640CVAL Datasheet HTML 42Page - Texas Instruments LM98640CVAL Datasheet HTML 43Page - Texas Instruments LM98640CVAL Datasheet HTML 44Page - Texas Instruments LM98640CVAL Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
41
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Table 6. Register Definitions - Analog Configuration (continued)
ADDRESS
(BINARY)
REGISTER
TITLE
BASELINE
(BINARY)
BIT(s)
DESCRIPTION
00 0110
Sample & Hold
1000 0001
[7:0]
Sample & Hold Mode Register
[7]
Sample & Hold Mode Enable
0 Disabled.
1 Enabled.
[6:3]
Not Used.
[2:1]
Reference Buffer Power Level
11 100% Power. Used for FINCLK = 20-40MHz.
10 60% Power. Used for FINCLK = 10-20MHz.
01 60% Power. Used for FINCLK = 10-20MHz.
00 30% Power. Used for FINCLK = 5-10MHz.
[0]
Reserved.
00 0111
Status
0000 0000
[7:0]
Status Register. (Read Only)
[7:1]
Not Used.
[0]
False Lock Detect.
Indicates if DLL is locked into a half frequency state.
00 1001
Clock Monitor
0000 0000
[7:0]
Internal Clock Signal Monitor Register
[7:5]
Not Used.
[4:3]
Enable and select clocks to be monitored on the Digital Timing
Monitor. (DTM)
00 Disable Digital Timing Monitor Pins (DTM0, DTM1)
01 Send CLAMPEVEN to DTM0 pin, and SAMPLEEVEN to DTM1
10 Send CLAMPODD to DTM0 pin, and SAMPLEODD to DTM1
11 Send ODD tag and ADC Clock to the DTM.
[2:0]
Reserved. Set to 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com