Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 22 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 18Page - Texas Instruments LM98640CVAL Datasheet HTML 19Page - Texas Instruments LM98640CVAL Datasheet HTML 20Page - Texas Instruments LM98640CVAL Datasheet HTML 21Page - Texas Instruments LM98640CVAL Datasheet HTML 22Page - Texas Instruments LM98640CVAL Datasheet HTML 23Page - Texas Instruments LM98640CVAL Datasheet HTML 24Page - Texas Instruments LM98640CVAL Datasheet HTML 25Page - Texas Instruments LM98640CVAL Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
INCLK (Pixel Rate)
Ideal
Pixel output from CCD
Internal Clock
(64 selectable
positions)
SAMPLE
(internal pixel video
level sampling clock)
0x3F
0x1F
0x00
0x00
0x1F
Sample Start = 0x22
Sample End = 0x3B
Delayed
Pixel output from CCD
SAMPLE
(internal pixel video
level sampling clock)
Sample Start = 0x2F
Sample End = 0x04
Internal Clock Delay = 6.0ns + 3/64 * TINCLK
TINCLK
22
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 15 shows some examples of an input waveform and where the SAMPLE pulse should be placed. Ideally
the image sensor output would line up directly with the input clock at the AFE inputs, but due to trace delays in
the system the image sensor output is delayed relative to the input clock. In the delayed image sensor waveform
the Sample Start value is higher than the Sample End value. In this situation the SAMPLE pulse will start in one
clock period and wraps around to the next. This allows the LM98640QML-SP to adjust for the delay in the image
sensor waveform. Notice that edge zero of the internal clock does not line up with the rising edge of the input
clock. This is due to internal delays of the clock signals. The amount of delay can be calculated from operating
frequency using the following formula: tDCLK = 6.0 ns + 3 / 64 × TINCLK
Figure 15. S/H Mode CLAMP/SAMPLE Adjust
7.3.1.2 CDS Mode
In CDS mode, both the Reference Level and Video Level are presented to the LM98640QML-SP on the OSX–
pin. The OSX+ pin should be bypassed to ground with a 0.1-µF capacitor. The CLAMP pulse is then used to
sample the Reference Level and the SAMPLE pulse is used to sample the Video Level. The output code will then
be the Reference Level minus the Video Level, or the difference between the Reference Level and Video Level.
A minimum code represents zero deviation between the Reference and Video Levels and a maximum code
represents a 2-V deviation between the Reference and Video Levels with CDS and PGA gains of 1x.
To place the LM98640QML-SP in CDS Mode from power up, first write the baseline configuration to the registers
as shown in Table 5. Then ensure S/H mode is disabled by clearing bit[7] of the Sample & Hold Register (0x06),
then enable CDS mode by setting bit[0] of the Main Configuration Register (0x00). Next the CLAMP and
SAMPLE pulses need to be positioned correctly over the reference and video levels respectively using the
CLAMP/SAMPLE Adjust.
7.3.1.2.1
CDS Mode Bimodal Offset
In CDS mode, the input sampling amplifier has two physical paths through which a particular pixel will be
sampled. These two sampling paths are a requirement in the Correlated Double Sampling architecture. The
sampling of the one pixel will travel the first path (arbitrarily called an even pixel), and the sampling of the next
pixel will travel the second path (called an odd pixel). The sampling will continue in an even/odd/even/odd
fashion for all pixels processed in a particular channel. Due to slight variances in the sampling paths (most



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com