Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 26 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 22Page - Texas Instruments LM98640CVAL Datasheet HTML 23Page - Texas Instruments LM98640CVAL Datasheet HTML 24Page - Texas Instruments LM98640CVAL Datasheet HTML 25Page - Texas Instruments LM98640CVAL Datasheet HTML 26Page - Texas Instruments LM98640CVAL Datasheet HTML 27Page - Texas Instruments LM98640CVAL Datasheet HTML 28Page - Texas Instruments LM98640CVAL Datasheet HTML 29Page - Texas Instruments LM98640CVAL Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
OSX-
fPIXEL
CSH
OSX+
CLAMP
SAMPLE
OSX-
CS
HOLD
CPAR
CPAR
CS
OSX+
26
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.2.1 Sample and Hold Mode Biasing
Proper DC biasing of the CCD waveform in Sample and Hold mode is critical for realizing optimal operating
conditions. In Sample/Hold Mode, the DC bias point of the input pin is typically set by actuating the input clamp
switch (see Figure 17) during optical black pixels which connects the input pins to the VCLP pin DC voltage. The
signal controlling this switch is CLPIN. CLPIN is an external signal connected on the CLPIN pin.
Actuating the input clamp will force the average value of the CCD waveform to be centered around the VCLP DC
voltage. During Optical Black Pixels, the CCD output has roughly three components. The first component of the
pixel is a “Reset Noise” peak followed by the Reset (or Pedestal) Level voltage, then finally the Black Level
voltage signal. Taking the average of these signal components will result in a final “clamped” DC bias point that
is close to the Black Level signal voltage.
To provide a more precise DC bias point (i.e. a voltage closer to the Black Level voltage), the CLPIN pulse can
be “gated” by the internally generated CLAMP clock. This resulting CLPINGATED signal is the logical “AND” of the
CLAMP and CLPIN signals as shown in Figure 18. By using the CLPINGATED signal, the higher Reset Noise peak
will not be included in the clamping period and only the Pedestal Level components of the CCD waveform will be
centered around VCLP.
Figure 19. Sample and Hold Mode Simplified Input Diagram
In Sample and Hold Mode, the impedance of the analog input pins is dominated by the switched capacitance of
the CDS/Sample and Hold amplifier. The amplifier switched capacitance, shown as CS in Figure 19, and internal
parasitic capacitances can be estimated by a single capacitor switched between the analog input and the VCLP
reference pin for Sample and Hold mode. During each pixel cycle, the modeled capacitor, CSH, is charged to the
OSX+ minus OSX– voltage then discharged. The average input current at the OSX– pin can be calculated
knowing the input signal amplitude and the frequency of the pixel.
Figure 20. Equivalent Input Switched Capacitance S/H Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com