Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 2 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 2 Page - Texas Instruments

  LM98640CVAL Datasheet HTML 1Page - Texas Instruments LM98640CVAL Datasheet HTML 2Page - Texas Instruments LM98640CVAL Datasheet HTML 3Page - Texas Instruments LM98640CVAL Datasheet HTML 4Page - Texas Instruments LM98640CVAL Datasheet HTML 5Page - Texas Instruments LM98640CVAL Datasheet HTML 6Page - Texas Instruments LM98640CVAL Datasheet HTML 7Page - Texas Instruments LM98640CVAL Datasheet HTML 8Page - Texas Instruments LM98640CVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
2
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 7
6.1
Absolute Maximum Ratings ...................................... 7
6.2
ESD Ratings
.................................................... 7
6.3
Recommended Operating Conditions ....................... 7
6.4
Thermal Information
......................... 8
6.5
Quality Conformance Inspection ............................... 8
6.6
LM98640QML-SP Electrical Characteristics ............. 9
6.7
AC Timing Specifications ....................................... 17
6.8
Typical Performance Characteristics ...................... 18
7
Detailed Description ............................................ 20
7.1
Overview ................................................................. 20
7.2
Functional Block Diagram ....................................... 20
7.3
Feature Description................................................. 21
7.4
Device Functional Mode ......................................... 32
7.5
Programming........................................................... 34
7.6
Register Maps ......................................................... 36
8
Application and Implementation ........................ 46
8.1
Application Information............................................ 46
8.2
Typical Application ................................................. 47
8.3
Initialization Set Up ................................................ 47
9
Layout ................................................................... 48
9.1
Layout Guidelines ................................................... 48
10
Device and Documentation Support ................. 49
10.1
Device Support .................................................... 49
10.2
Receiving Notification of Documentation Updates 49
10.3
Community Resources.......................................... 49
10.4
Export Control Notice ............................................ 49
10.5
Trademarks ........................................................... 49
10.6
Electrostatic Discharge Caution ............................ 49
10.7
Glossary ................................................................ 49
11
Mechanical, Packaging, and Orderable
Information ........................................................... 50
11.1
Engineering Samples ............................................ 50
4 Revision History
Changes from Revision F (October 2018) to Revision G
Page
•
Changed pin diagram in Pin Configuration and Functions section to correct typographical error ......................................... 4
Changes from Revision E (December 2017) to Revision F
Page
•
Deleted Operating Life Test Delta Parameters Table ........................................................................................................... 1
•
Updated Features section bullets to include SMD information............................................................................................... 1
•
Updated Applications section ................................................................................................................................................. 1
•
Added new orderable to the Device Information table ........................................................................................................... 1
•
Added engineering samples footnote ..................................................................................................................................... 1
•
Deleted LM98640-MDR and LM9864-MDP from the Device Information table ..................................................................... 1
•
Updated thermal metrics ....................................................................................................................................................... 8
•
Deleted 15 MHz and 25 MHz min/max spec ........................................................................................................................ 11
•
Changed ENOB typical for subgroup 6 at 25 MHz .............................................................................................................. 16
•
Added minimum spec value for ENOB subgroups 4,5 at 40 MHz ...................................................................................... 16
•
Changed pulses to windows................................................................................................................................................. 23
•
Updated wording in CDS Mode CLAMP/SAMPLE Adjust section ...................................................................................... 23
•
Updated wording in Input Bias and Clamping section ......................................................................................................... 24
Changes from Revision D (September 2015) to Revision E
Page
•
Changed 64 Lead to 68 Lead in the Device Information table............................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com