Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 42 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 38Page - Texas Instruments LM98640CVAL Datasheet HTML 39Page - Texas Instruments LM98640CVAL Datasheet HTML 40Page - Texas Instruments LM98640CVAL Datasheet HTML 41Page - Texas Instruments LM98640CVAL Datasheet HTML 42Page - Texas Instruments LM98640CVAL Datasheet HTML 43Page - Texas Instruments LM98640CVAL Datasheet HTML 44Page - Texas Instruments LM98640CVAL Datasheet HTML 45Page - Texas Instruments LM98640CVAL Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
42
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Table 7. Register Definitions - GAIN & Offset DAC Configuration
ADDRESS
(BINARY)
REGISTER
TITLE
BASELINE
(BINARY)
BIT(s)
DESCRIPTION
01 0000
CDAC1
0000 0000
[7:0]
Channel 1 Coarse DAC Register.
[7:1]
Not Used.
[0]
Bit 8 of Channel 1 Coarse DAC Offset Value.
01 0001
CDAC1
1111 1111
[7:0]
Channel 1 Coarse DAC Offset Value bits 7:0.
01 0010
FDAC1
0000 0000
[7:0]
Channel 1 Fine DAC Register.
[7:1]
Not Used.
[0]
Bit 8 of Channel 1 Fine DAC Offset Value.
01 0011
FDAC1
1111 1111
[7:0]
Channel 1 Fine DAC Offset Value bits 7:0.
01 0101
PGA1
0110 0001
[7:0]
Channel 1 Programmable Gain Amplifier Value.
01 1000
CDAC2
0000 0000
[7:0]
Channel 2 Coarse DAC Register.
[7:1]
Not Used.
[0]
Bit 8 of Channel 2 Coarse DAC Offset Value.
01 1001
CDAC2
1111 1111
[7:0]
Channel 2 Coarse DAC Offset Value bits 7:0.
01 1010
FDAC2
0000 0000
[7:0]
Channel 2 Fine DAC Register.
[7:1]
Not Used.
[0]
Bit 8 of Channel 2 Fine DAC Offset Value.
01 1011
FDAC2
1111 1111
[7:0]
Channel 2 Fine DAC Offset Value bits 7:0.
01 1100
PGA2
0110 0001
[7:0]
Channel 2 Programmable Gain Amplifier Value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com